PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJD112 MJD1121 MJD112T4 MJD117 ON1996 MJD112-1 |
Complementary Darlington Power Transistors SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
BC737 BC738 |
PNP SILICON AF MEDIUM POWER TRANSISTORS (BC737 / BC738) NPN SILICON AF MEDIUM POWER TRANSISTORS
|
Micro Electronics
|
2SA489 2SA490 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
2SA963 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
BD231 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
BD132 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc. http://
|
2SB507 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
2SB532 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|