PART |
Description |
Maker |
MAX13020ASAT |
±60V Fault-Protected LIN Transceivers
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX3054 MAX3054ASD MAX3055ASD MAX3056ASD MAX3055 M |
±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications ±.80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications ±80V故障保护/容错CAN收发器,适合于汽车应 ±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications DATACOM, INTERFACE CIRCUIT, PDSO14 【80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications ?à80V Fault- Protected/Tolerant CAN Transceivers for In-Car Applications ±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADOP27AQ/883B ADOP27BH/883B ADOP27BQ/883B ADOP27CH |
60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
3M Company
|
MAX3430 MAX3430CPA MAX3430CSA MAX3430EPA MAX3430ES |
/-80 V fault-protected, fail-safe, 1/4-unit load, 3.3 V,RS-485 transceiver 80V Fault-Protected / Fail-Safe / 1/4-Unit Load / #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver 【80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver " /-80V Fault-Protected, 3.3 V Single supply, Fail Safe, 1/4-Unit load, RS-485 Tranceiver." 80V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ±80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver ??0V Fault-Protected, Fail-Safe, 1/4-Unit Load, #.3V RS-485 Transceiver
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX4506 MAX4507 MAX4507EWN MAX4507CAP MAX4507EAP M |
Fault-Protected, High-Voltage Signal-Line Protectors OCTAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO18 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Fault-Protected / High-Voltage Signal-Line Protectors Fault-protected, high-voltage, signal-line protector
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX4509 MAX4508 MAX4508MJE MAX4508EAE MAX4508CPE M |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADG438 ADG438F ADG438FBN ADG438FBR ADG439F ADG439F |
High Performance 4/8 Channel Fault-Protected Analog Multiplexers ?5 V, Fault Protected, 8-Channel High Performance Analog Multiplexer 5 V, Fault Protected, 4-Channel High Performance Analog Multiplexer
|
Analog Devices, Inc. AD[Analog Devices]
|
HI3-0508A-5 HI3-509A HI3-0509A-5 MAX358 MAX359EWE |
Fault-Protected Analog Multiplexer
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
358RPFE |
8-Channel Fault-Protected Analog Multiplexer
|
Maxwell Technologies, Inc
|