PART |
Description |
Maker |
LPLC-181111 |
18W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|
LPHC-18 LPHC-1811 LPHC-18-350 LPHC-18-700 |
18W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd. http://
|
TDA2030A 1459 TDA2030AH TDA2030AV |
18W Hi-Fi Audio Amplifier(18W Hi-Fi?惧ぇ?ㄥ?35W椹卞??? From old datasheet system 18W Hi-Fi AMPLIFIER AND 35W DRIVER 18W高保真放大器5W的驱 18W Hi-Fi Audio Amplifier(18W Hi-Fi放大器和35W驱动 18W高保真音频放大器8W高保真放大器5W的驱动器
|
??????浣? STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V. Lattice Semiconductor, Corp.
|
TDA7265SA |
18W 18W STEREO AMPLIFIER WITH MUTE & ST-BY
|
意法半导
|
BP5717 |
AC80V to AC138V input, 18W output Isolated AC/DC converter
|
Rohm
|
451-90-216-00-017 350-10-116-00-001 350-90-116-00- |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE 电路板连接器2.54毫米单列/双列焊尾 External Plug-In Power Supply; Series:; Output Voltage:15V; Output Power Max:30W; Output Current:2A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:84% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes CRIMP SHELLS DB50 FEMALE HOOD DB50 PLASTIC 10 PACK External Plug-In Power Supply; Series:; Output Voltage:9V; Output Power Max:30W; Output Current:3.33A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:81% RoHS Compliant: Yes DB-50 PLASTIC HOOD CRIMP SHELLS, DB50 FEMALE External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin RoHS Compliant: No TV CABLE (RG-6); SCREW ON (THREADED) 6FT WHITE TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
OM9554SP OM9551SP OM9552SP OM9553SP |
Hi-Rel Switching Regulator 5V Input / 3A Output Current 3.3V / 2.5V 1.8V / 1.5V Output Switching Regulator Three Terminal Package 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package 5V Input 3A Output Current 3.3V 2.5V 1.8V 1.5V Output Switching Regulator Three Terminal Package
|
International Rectifier Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
VSBU-150-12 VSBU-150-15 VSBU-150-18 VSBU-150-24 VS |
single output switching power supply
|
CUI INC,
|
NPF-120D-48 NPF-120D-54 NPF-120D-24 NPF-120D-36 NP |
120W Single Output Switching Power Supply
|
Mean Well Enterprises C...
|
PS-65-12 PS-65-13.5 PS-65-15 PS-65-24 PS-65-3.3 PS |
65W Single Output Switching Power Supply
|
Mean Well Enterprises C... Mean Well Enterprises Co., Ltd.
|
HLG-240H-12 HLG-240H-12A HLG-240H-12B HLG-240H-12C |
240W Single Output Switching Power Supply
|
Mean Well Enterprises Co., Ltd.
|