PART |
Description |
Maker |
LG126Z104MAT2S1 0306YC153KAT2A 03063C102KAT2A 0306 |
Low Inductance Capacitors
|
AVX Corporation
|
PG126Z104MAB2S1 |
LGA Low Inductance Capacitors
|
AVX Corporation
|
350GE451U030C 350HP832U6R3C 350HP232U030C 350JL741 |
Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top 105 垄陋C, Low Inductance, Radial, Aluminum Electrolytic 105 ?C, Low Inductance, Radial, Aluminum Electrolytic 105 ?C, Low Inductance, Radial, Aluminum Electrolytic 105 ?C, Low Inductance, Radial, Aluminum Electrolytic
|
Cornell Dubilier Electronics ETC List of Unclassifed Manufacturers http:// List of Unclassifed Manufac... List of Unclassifed Man...
|
DFE18SANR47ME0 DFE18SANR47ME0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
|
Murata Manufacturing Co...
|
PM3308-151M |
Inductor; Series:PM3308; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.5A; DC Resistance Max:1.2ohm; Leaded Process Compatible:No
|
BOURNS INC
|
10-FZ122PA050SC01-P997F18 10-F0122PA050SC01-P997F1 |
Compact and low inductance design
|
Vincotech
|
S307 S30760 R30760 R30720 R30740 S30720 S30740 |
Inductor; Inductor Type:Standard; Inductance:100nH; Inductance Tolerance: 5 %; Current Rating:300mA; Series:LG HK; Package/Case:0603; Core Material Silicon Power Rectifier
|
MICROSEMI[Microsemi Corporation]
|
MADS-002545-1307HG |
Ultra Low Parasitic Capacitance and Inductance
|
M/A-COM Technology Solu...
|
PM54-330L-RC BOURNSINC-PM54-470L-RC |
Power Inductor; Series:PM54; Inductance:33uH; Inductance Tolerance: /- 15 %; Self Resonant Frequency:16MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:880mA; Leaded Process Compatible:Yes
|
BOURNS INC
|
ELT5KT680LB ELT5KT220L ELT5KT150LB ELT5KT330LB |
Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
|
Panasonic Semiconductor
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|