PART |
Description |
Maker |
MBM29F200BA |
2 M (256 K ×8/128 K ×16) BIT Flash Memory(2 M (256 K ×8/128 K ×16)V 电源电压闪速存储器) 2米(256亩8 / 128亩16)位闪存米(256亩8 / 128亩16)位V的电源电压闪速存储器
|
Fujitsu, Ltd.
|
S29PL127N65GAWW02 S29PL127N65GAW003 S29PL127N65GAI |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128字节6/8/8 M中的x 16位).0伏的CMOS只同步读/写,页模式闪 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 70 ns, PBGA84 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion, Inc. Spansion Inc. SPANSION LLC
|
S29PL-N07 S29PL127N65GFW000 S29PL129N65GFW000 S29P |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION
|
AM29F200AT-55EC AM29F200AT-55EE AM29F200AT-55EI AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 55 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MC12038AD MC12038AP |
MECL PLL COMPONENTS 27/128, 55/256 DUAL MODULUS PRESCALER MECL PLL COMPONENTS 127/128 / 255/256 DUAL MODULUS PRESCALER
|
Motorola
|
IDT72V8981 IDT72V8981DB IDT72V8981J IDT72V8981J8 7 |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 128 x 128 TSI, 4 I/O at 2Mbps, Variable Delay, 3.3V
|
Integrated Device Technology IDT
|
ZL5011006 ZL50111 ZL50114GAG2 ZL50110 ZL50110GAG Z |
128, 256 and 1024 Channel CESoP Processors
|
ZARLINK[Zarlink Semiconductor Inc]
|
IDT728980 IDT728980J IDT728980J8 |
256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 5.0V TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
|
IDT[Integrated Device Technology]
|
IDT72V8980 IDT72V8980DB IDT72V8980J IDT72V8980PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 3.3V
|
Integrated Device Technology IDT
|
CY7C0851AV-133AXI CY7C0853V-133BBI CY7C0853V-100BB |
FLEx36 3.3 V 32 K / 64 K / 128 K / 256 K × 36 Synchronous Dual-Port RAM FLEx36?/a> 3.3 V 32 K / 64 K / 128 K / 256 K × 36 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|
KPM-256LAU |
6 V, size: 128 x 256 x 30 mm, LED dot matrix module
|
AUK Corp
|
M24256-MN5T M24256-MN6T M24256-MW5T M24256-MW6T M2 |
256/128 Kbit Serial I?C Bus EEPROM Without Chip Enable Lines
|
STMicroelectronics
|
|