PART |
Description |
Maker |
LT1468CDD-PBF LT1468CDD-TRPBF LT1468CN8-PBF LT1468 |
90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/渭s 16-Bit Accurate Operational Amplifi er 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
BA82902YF-CE2 |
Automotive Excellent EMI Characteristics Ground Sense Operational Amplifiers
|
Rohm
|
ENA0669B LA6220PM |
Monolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier
|
Sanyo Semicon Device
|
ZFL-500HLN |
Low Noise Amplifi er
|
MINI[Mini-Circuits]
|
LT1818IS5TRMPBF LT1818CS5TRM |
400MHz, 2500V/µs, 9mA Single/Dual Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 400 MHz BAND WIDTH, PDSO5 400MHz, 2500V/µs, 9mA Single/Dual Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 400 MHz BAND WIDTH, PDSO5 400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
|
Linear Technology, Corp.
|
EM800SOAB EM1600SOAB EM800SOAB13 EM1600SOAB13 EM16 |
LambdaDriver? - Optical Amplifi er Module
|
MRV Communications, Inc. MRV Communications, Inc...
|
MGA-637P8-BLKG MGA-637P8-TR1G |
High Linearity Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
HV25607 HV256FG-G |
32-Channel High Voltage Amplifi er Array
|
Supertex, Inc
|
LTC6102HVCMS8-PBF LTC6102HVCMS8-TRPBF LTC6102HVHMS |
Precision Zero Drift Current Sense Amplifi er
|
Linear Technology
|
LTC6102HVIMS8-PBF LTC6102HVIMS8-TRPBF LTC6102 LTC6 |
Precision Zero Drift Current Sense Amplifi er
|
Linear Technology
|
LTCT1991CDD-TRPBF LT1991ACDD-PBF LT1991ACDD-TRPBF |
Precision, 100レA Gain Selectable Amplifi er
|
Linear Technology
|