PART |
Description |
Maker |
MTAN4123-AHR MTAN4123-AO MTAN4123-CHR MTAN4123-CO |
2.3 Single Digit Alpha Numeric Display 2.3单位字母数字显示 Marktech 2.30 Single Alpha Numeric
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
MDA6410C MDA6940C MDA6110C MDA6140C MDA6310C MDA63 |
0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY 0.54 INCH (13.8MM) 14 SEGMENT, DUAL DIGIT ALPHA - NUMERIC STICK DISPLAY 0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPH - NUMERIC STICK DISPLAY 0.54 INCH (13.7MM) 14 SEGMENT, DUAL DIGIT ALPHA-NUMERIC STICK DISPLAY 14 SEG ALPHANUMERIC DISPLAY, HIGH EFFICIENCY RED, 13.72 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
TX25 |
TV Alpha-2 Chassis Manual
|
Panasonic
|
LF48212 LF48212QC20 LF48212QC25 |
12 x 12-bit Alpha Mixer
|
LODEV[LOGIC Devices Incorporated]
|
A-398E |
(A-398x) ALPHA-NUMERIC DISPLAY
|
Para
|
AOB15B60D |
600V, 15A Alpha IGBT with Diode
|
Alpha & Omega Semiconductors
|
AOK10B60D |
600V, 10A Alpha IGBT with Diode
|
Alpha & Omega Semiconductors
|
SL1122A450 SL1122A SL1122A090 SL1122A200 SL1122A23 |
Gas Discharge Tubes - High Performance Alpha Range
|
LITTELFUSE[Littelfuse]
|
MID150-12A4 MII150-12A4 IXYSCORP-MID150-12A4 |
IGBT Modules Short Circuit SOA Capability Square RBSOA IGBT Modules: Boost Configurated IGBT Modules
|
IXYS Corporation
|