PART |
Description |
Maker |
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
153CNQSERIES 153CNQ100 153CNQ080 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 150 Amp 100V 150A Schottky Common Cathode Diode in a D-60 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MBRS540T3 MBRS540T3G |
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE 5A 40V Schottky rectifier in SMC
|
ONSEMI[ON Semiconductor]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
MBRF20200CT-D |
SWITCHMODE Schottky Power Rectifier 20A 200V Schottky Rectifier
|
ON Semiconductor
|
MBRD1035CTL MBRD1035CTLT4 MBRD1035CTLT4G |
10A 35V Schottky Rectifier SWITCHMODE Schottky Power Rectifier
|
ON Semiconductor
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
40L15CT-1 40L15CTS 40L15CT 40L15CTSTRL 40L15CTSTRR |
SCHOTTKY RECTIFIER 15V 40A Schottky Common Cathode Diode in a D2-Pak package 15V 40A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER 2 x 20 Amps SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
SRF8A0 SRF820 SRF830 SRF840 SRF850 SRF860 SRF880 |
SCHOTTKY BARRIER RECTIFIER 肖特基整 SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts, Forward Current - 8.0Amperes
|
涓?捣???绉???????? Shanghai LUNSURE Electronic Technology Co., Ltd. CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
DSSK48-0025B |
Power Schottky Rectifier with common cathode 25 A, 25 V, SILICON, RECTIFIER DIODE, TO-220AB PLASTIC PACKAGE-3 Silicon Schottky Diodes
|
IXYS Corporation IXYS, Corp.
|