PART |
Description |
Maker |
LM1085ISX-5 |
3A Low Dropout Positive Regulators(313.07 k) A低压降(313.07亩正稳压器)
|
Serpac Electronic Enclosures
|
0533950279 |
1.00mm (.039) Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm (.315) Mating Height, Lead-free, 20 Circuits
|
Molex Electronics Ltd.
|
V82ZA05P V715ZA05P V33ZA70P V750ZA05P V33ZA05P V68 |
Lead?free, Halogen-Free and RoHS Radial Lead Varistors ZA Series Lead?free, Halogen-Free and RoHS
|
Littelfuse
|
V33ZA70P V82ZA05P V27ZA60P V33ZA05P V68ZA05P V68ZA |
ZA Varistor Series Lead?free, Halogen-Free and RoHS compliant
|
Littelfuse
|
53647-0474 |
0.635mm (.025) Pitch SlimStack Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551) Stacking Heights, Lead-free, 40 Circuitswith Embossed Tape with Cover Packaging
|
Molex Electronics Ltd.
|
53647-0674 0536470674 |
0.635mm (.025) Pitch SlimStack Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551) Stacking Heights, Lead-free, 60 Circuitswith Embossed Tape with Cover Packaging
|
Molex Electronics Ltd.
|
0533533071 53353-3071 |
0.80mm (.031) Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315) Stacking Heights, Lead-free, 30 Circuits
|
Molex Electronics Ltd.
|
PM5371 |
PMC-1920525 TUDX Data Sheet [313 kB] 了PMC - 1920525 TUDX数据表[313 kB]
|
PMC-Sierra, Inc.
|
LBP473 LBP473-N1P2-35 |
SINGLE COLOR LED, BLUE, 1.6 mm LEAD FREE, SMT, 2 PIN Lead (Pb) Free Product RoHS Compliant
|
TE Connectivity, Ltd. OSRAM GmbH
|
LC4032ZC-35TN48C LC4032ZC-75TN48E LC4032ZC-5TN48C |
EE PLD, 3.5 ns, PQFP48 1 MM HEIGHT, LEAD FREE, TQFP-48 EE PLD, 7.5 ns, PQFP48 1 MM HEIGHT, LEAD FREE, TQFP-48 EE PLD, 5 ns, PQFP48 1 MM HEIGHT, LEAD FREE, TQFP-48 EE PLD, 5 ns, PBGA56 LEAD FREE, CSBGA-56 EE PLD, 5 ns, PBGA132 LEAD FREE, CSBGA-132 EE PLD, 3.7 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 3.7 ns, PQFP48 1 MM HEIGHT, LEAD FREE, TQFP-48 EE PLD, 4.2 ns, PBGA132 LEAD FREE, CSBGA-132 EE PLD, 2.7 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 5 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PBGA256 LEAD FREE, FTBGA-256 EE PLD, 3 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PBGA132 LEAD FREE, CSBGA-132 EE PLD, 7.5 ns, PQFP44 1 MM HEIGHT, LEAD FREE, TQFP-44 EE PLD, 5 ns, PQFP128 LEAD FREE, TQFP-128 EE PLD, 3.5 ns, PBGA256 LEAD FREE, FTBGA-256 EE PLD, 5 ns, PQFP44 1 MM HEIGHT, LEAD FREE, TQFP-44 EE PLD, 2.5 ns, PQFP44 1 MM HEIGHT, LEAD FREE, TQFP-44 EE PLD, 10 ns, PQFP128 LEAD FREE, TQFP-128 EE PLD, 3.5 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 7.5 ns, CQFP176 LEAD FREE, TQFP-176 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 10 ns, PQFP44 1 MM HEIGHT, LEAD FREE, TQFP-44 EE PLD, 10 ns, PBGA256 LEAD FREE, FTBGA-256 EE PLD, 5 ns, CQFP176 LEAD FREE, TQFP-176 EE PLD, 7.5 ns, PBGA256 LEAD FREE, FTBGA-256 EE PLD, 2.7 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 10 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP128 EE PLD, 10 ns, PQFP48 MACH4000 ISP CPLD, TQFP48, 1.8V; Logic IC family:Programmable; Logic IC Base Number:4032Z; Logic IC function:Programmable EEPLD; Voltage, supply:1.8V; Case style:TQFP / 48; Base number:4032; I/O lines, No. of:32; Logic function RoHS Compliant: Yes EE PLD, 3 ns, PQFP100 EE PLD, 2.5 ns, PQFP100 MACH4000 ISP CPLD 3.3VOLT, TQFP48; Logic IC family:Programmable; Logic IC Base Number:4032V; Logic IC function:Programmable CPLD; Voltage, supply:3.3V; Case style:TQFP / 48; Base number:4032; I/O lines, No. of:32; Logic function RoHS Compliant: Yes EE PLD, 10 ns, CQFP176
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
0224007.DRT2UP 0224007.DRT1UP 0224007.DRT2W 022400 |
224/225 Series Lead-Free 2AG, Fast-Acting
|
Littelfuse
|
0548190589 |
USB SERIES MINI-B (DIP2) RECEPTACLE ASSY -LEAD FREE-
|
Molex Electronics Ltd.
|
|