PART |
Description |
Maker |
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
CD20CDW CD20CDY SCD21CDY CD00CFY CD01CFW CD01CFY C |
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay DC Solid-State Relay
|
Teledyne Technologies I... Willow Technologies Ltd
|
RIF-0-BPT |
RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in connection, for mounting on NS 35/7,5
|
PHOENIX CONTACT
|
RIF-RHM-1 |
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays
|
PHOENIX CONTACT
|
LH1500-AT LH1530 LH1504 LH1519 LH1518 LH1517 LH155 |
High Voltage Solid State Relays 高压固态继电器 High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 1FormA
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|