PART |
Description |
Maker |
SUD25N06-45L |
N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel Enhancement-Mode MOSFETs, Logic Level
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
SUD45N05-20L |
N-Channel Enhancement-Mode Trans, Logic Level N-Channel 50-V (D-S), 175C MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
SUD10P06-280L SUU10P06-280L |
P-Channel 60-V (D-S), 175C MOSFET, Logic Level P通道60 -五(副)75 MOSFET的逻辑电平 P-Channel 60-V (D-S), 175 grades C MOSFET, Logic Level P-Channel 60-V (D-S), 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
PMV60EN PMV60EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET 3M SCOTCHCAST ELECTRICAL RESIN 5 (16 1-LB UNITS = CARTON) RoHS Compliant: Yes UTrenchMOS enhanced logic level FET From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ISL9N304AP3 ISL9N304AS3ST ISL9N304AS3STL86Z |
75 A, 30 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?/a> N-Channel Logic Level UltraFET Trench MOSFETs 30V/ 75A/ 4.5m N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 4.5Mз N-Channel Logic Level UltraFET R Trench MOSFETs 30V, 75A, 4.5mOhm
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FDS6680A FDS6680ANF073 FDS6680ANL |
30V Single N-Channel, Logic Level, Power Trench MOSFET Single N-Channel, Logic Level, PowerTrench MOSFET 12500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SUD23N06-31L |
TERMINAL IGBT模块 N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel 60-V (D-S) 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
PHP11N06LT PHB11N06LT PHD11N06LT PHB11N06LT118 |
10.3 A, 55 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET PLASTIC, D2PAK-3 N-channel TrenchMOS TM transistor Logic level FET N-channel TrenchMOS transistor Logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PHK24NQ04LT |
TrenchMOS logic level FET 21200 mA, 40 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012 From old datasheet system TrenchMOS (tm) logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HUFA76413DK8T HUFA76413D |
Discrete Commercial Dual N-Channel Logic Level UltraFET Power MOSFET, 60V, 5.1A, 0.049 Ohms @ VGS = 10V, SO-8 Package N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56mз
|
FAIRCHILD[Fairchild Semiconductor]
|
|