PART |
Description |
Maker |
BC183C |
NPN General Purpose Amplifer NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
CMBA847G CMBA847E CMBA847F |
0.150W General Purpose NPN SMD Transistor. 50V Vceo, 0.200A Ic, 400 - 800 hFE. 0.150W General Purpose NPN SMD Transistor. 50V Vceo, 0.200A Ic, 250 - 500 hFE. 0.150W General Purpose NPN SMD Transistor. 50V Vceo, 0.200A Ic, 150 - 300 hFE. TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | SOT-23
|
Continental Device India Limited
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
PMBT3904YS |
40 V, 200 mA NPN/NPN general-purpose double transistor 40 V, 200 mA NPN-NPN general-purpose double transistor 200 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
CD9013 CD9013F CD9013H CD9013DEF CD9013GHI CD9013J |
0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 278 - 465 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 118 - 305 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 64 - 135 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 64 - 465 hFE NPN SILICON PLANAR TRANSISTOR
|
Continental Device India Limited
|
BC847A BC846B BC848CLT1 BC850CLT1G BC846ALT1 BC846 |
Small Signal Transistor MINI Small Signal XST MINI General Purpose Transistor NPN Transistor SSP NPN GENERAL PURPOSE TRANSISTORS(NPN SILICON) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
2N3903 |
NPN Silicon General Purpose Transistors(NPN通用型晶体管) 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors(NPN Silicon)
|
Motorola Mobility Holdings, Inc. ON Semiconductor
|
FTM3725 |
NPN General Purpose Amplifier NPN Transistor 1200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, MS-012AC
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
EMX2DXV6T5 EMX2DXV6T5G |
Dual NPN General Purpose Transistors Dual NPN General Purpose Amplifier Transistor
|
ON Semiconductor
|
2PD1820A 2PD1820AQ 2PD1820AR 2PD1820AS 2PD1820ART/ |
500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN NPN general purpose transistor
|
NXP Semiconductors N.V.
|