PART |
Description |
Maker |
VF59415046.72M VF594SL15046.72M VF594L15046.72M VF |
Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded 频率范围宽,非常低相位抖动,宽Pullability,标准足迹,宽工作温度,电磁屏蔽
|
ECM Electronics List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
ACT2102 ACT2102SH-T ACT2102-14 |
Wide 4.5V to 18V Operating Input Range
|
Active-Semi, Inc
|
LTC3879 |
Wide Operating Range No RSENSE Step-Down Controller
|
Linear Technology Corporation
|
LTC3711EGN LTC3711 3711F |
From old datasheet system 5-Bit Adjustable, Wide Operating Range, No RSENSE
|
Linear Technology
|
KS57P21832 |
CMOS technology provides for low power consumption and a wide operating voltage range.
|
Samsung semiconductor
|
LT3740 |
Wide Operating Range, Valley Mode, No RSENSE Synchronous Step-Down Controller
|
Linear Technology
|
MAX15026BATD MAX15026BETD |
Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
|
Maxim Integrated Products
|
LTC4222 LTC1422 LTC1421 LTC4210 LTC4211 LTC1647 LT |
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
|
Linear Technology
|
RT8258 RT8258GE |
1.2A, 24V, 700kHz Step-Down Converter Wide Operating Input Voltage Range : 4.5V to 24V
|
Richtek Technology Corporation
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
DN6849TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|