PART |
Description |
Maker |
FDD8447L08 |
Fast Switching 40V N-Channel PowerTrench? MOSFET 40V, 50A, 8.5mΩ 40V N-Channel PowerTrench㈢ MOSFET 40V, 50A, 8.5mヘ
|
Fairchild Semiconductor
|
FDD8424HF085A13 |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40V, 20A, 24mΩ P-Channel: -40V, -20A, 54mΩ
|
Fairchild Semiconductor
|
FDB8447L |
40V 40V N-Channel PowerTrenchMOSFET
|
Fairchild Semiconductor
|
FDP8440 |
N-Channel PowerTrench垄莽 MOSFET 40V, 277A, 2.2m楼? N-Channel PowerTrench? MOSFET 40V, 277A, 2.2mΩ
|
Fairchild Semiconductor
|
FDS4672A07 FDS4672A |
40V N-Channel PowerTrench? MOSFET 40V N-Channel PowerTrench㈢ MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STD95N04 STP95N04 -STD95N04 |
N-CHANNEL 40V - 5.4mohm - 80A - DPAK - TO-220 STripFET Power MOSFET N沟道40V 5.4mohm - 80A的DPAK -20 STripFET功率MOSFET N-CHANNEL 40V - 5.1mOhm - 80A DPAK Planar STripFET MOSFET
|
STMicroelectronics N.V. ST Microelectronics, Inc. STMICROELECTRONICS[STMicroelectronics]
|
IRL1404ZS IRL1404Z IRL1404ZL |
40V Single N-Channel HEXFET Power MOSFET in a TO-262 package 40V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 40V Single N-Channel HEXFET Power MOSFET in a D2Pak package AUTOMOTIVE MOSFET
|
International Rectifier http://
|
STP100NF04 STB100NF04 STB100NF04-1 |
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET?/a> II POWER MOSFET N-CHANNEL 40V 0.0043 OHM 120A TO-220/D2PAK/I2PAK STRIPFET II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET⑩ II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFETII POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IRF1404L IRF1404S IRF1404STRR IRF1404STRL IRF1404S |
40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=40V/ Rds(on)=0.004ohm/ Id=162A) Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?
|
International Rectifier
|
CDBZ2240LL-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=40V, V-R=40V, I-O=2A
|
Comchip Technology
|