PART |
Description |
Maker |
COM20019I COM20019I-HD COM20019I-LJP |
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
|
SMSC Corporation
|
COM20051 |
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface 集成微控制器ARCNET网络(的ANSI 878.1)接
|
Electronic Theatre Controls, Inc.
|
COM20051 |
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
|
Standard Microsystems ETC SMSC[SMSC Corporation]
|
COM20022I-3.3V COM20022I3V-HT COM20022I3V-HD |
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
|
SMSC[SMSC Corporation]
|
COM20022I3V-HT COM20022I-3.3V |
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
|
http://
|
COM20022I3V-HT |
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM 1 CHANNEL(S), 10M bps, LOCAL AREA NETWORK CONTROLLER, PQFP48
|
SMSC, Corp.
|
MAX708TESA MAX706T MAX708TCSA MAX708SEPA MAX708SMJ |
3V Voltage Monitoring, Low-Cost, ?? Supervisory Circuits 3V Voltage Monitoring, Low-Cost, レP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical stainless steel housing; two hex nuts; 1 m [39.4 in] jacketed cable; current sinking output; and Vdc supply voltage 3V Voltage Monitoring / Low-Cost / P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, P Supervisory Circuits 3V VOLTAGE MONITORING, LOW-COST, ヌP SUPERVISORY CIRCUITS 3V Voltage Monitoring Low-Cost P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, μP Supervisory Circuits
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX703 MAX703C_D MAX703CPA MAX703CSA MAX703EPA MAX |
Low-Cost レP Supervisory Circuits with Battery Backup 低成本レP监控电路,带有备用电 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125 LOW-COST ヌP SUPERVISORY CIRCUITS WITH BATTERY BACKUP Low-Cost P Supervisory Circuits with Battery Backup Low-Cost μP Supervisory Circuits with Battery Backup
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|