PART |
Description |
Maker |
XFVOIP5E-CLXU1-4MS XFVOIP5E-CLXU1-4MS10 XFVOIP5E-C |
SINGLE PORT CIMBO SINGLE PORT COMBO
|
XFMRS Inc.
|
520242-2 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; FL MOD JACK PC MT ASSY (6 POS) ( AMP )
|
Tyco Electronics
|
520251-4 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; MOD JACK PC MT ASSY (8 POS) ( AMP )
|
Tyco Electronics
|
PM3351-SW PM3351-RC |
SINGLE PORT FAST ETHERNET SWITCH Single-Port 10/100 Mbit/s Ethernet Switch
|
PMC-Sierra Inc
|
LU3X31T-T64 |
LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX Single-Port 3 V 10/100 Ethernet Transceiver TX/FX(单端3 V 10M位和100M位以太网收发
|
Agere Systems Lineage Power
|
XFATM-COMBO4-4M XFATM10-COMB04-4M XATM10CB44M-15 |
SINGLE PORT COMBO SINGLE PORTS COMBO QUAD PORT COMBO XFATM10-COMBO
|
XFMRS Inc.
|
UNOP-1624D UNOP-1628D UNOP-1514C |
4-port Isolated RS-232/422/485 with IRIG B 8-port RS-232/422/485 with and without port-to-port Isolation 4-port Fiber Optic LAN Card
|
Advantech Co., Ltd.
|
USB-0502 |
A single USB port 10/100/1000Mbps wire speed transmission and reception Built-in 3-Port Super Speed USB 3.0 hub
|
Level One
|
RTL8201CP RTL8201CP-LF RTL8201CP-VD RTL8201CP-VD-L |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
|
List of Unclassifed Manufacturers
|
H1102NLT HX1188NLT H1100 H1101 H1100NL H1121 H1121 |
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS RoHS peak reflow temperature rating: 245°C°° 10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
|
Pulse Engineering, Inc. Pulse A Technitrol Company Pulse A Technitrol Comp...
|
AS9C25128M2036L-250PI AS9C25128M2036L-133FC AS9C25 |
Miniature Enclosed Switches Series 914CE: Top Plunger; 1NC 1NO SPDT Snap Action; 9 foot Cable RECTIFIER STANDARD SINGLE 6A 50V 50 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.0A 1.5V TO-252 RECTIFIER STANDARD SINGLE 6A 800V 800 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 600V 600 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER BRIDGE 2A 800V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK IC REG LDO 1.5A 1.8V TO-252 RECTIFIER STANDARD SINGLE 6A 100V 100 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A POS ADJ TO-252 RECTIFIER STANDARD SINGLE 6A 1000V 1000 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 200V 200 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 400V 400 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A 3.3V TO-252 RECTIFIER BRIDGE 2A 1000V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK RECTIFIER BRIDGE 2A 600V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 6.5 ns, PBGA208 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208
|
Alliance Semiconductor Corporation Alliance Semiconductor, Corp. INTEGRATED SILICON SOLUTION INC Alliance Semiconductor Corp...
|