PART |
Description |
Maker |
XF0063-AD4M |
ADSL Inductor
|
XFMRS Inc.
|
XF0063-AD4MS |
ADSL Inductor
|
XFMRS Inc.
|
XF0013-AD4S |
ADSL Inductor
|
XFMRS Inc.
|
AD-2063 |
ADSL MICRO FILTER
|
Bothhand USA, LP.
|
L6083 |
ADSL POTS Splitter LP Filter
|
FILTRAN[Filtran LTD]
|
MF601F |
Mirco Filter For ADSL CPE Side
|
List of Unclassifed Manufacturers YCL ETC[ETC] Electronic Theatre Controls, Inc.
|
MAX4363 MAX4362 MAX4361 |
ADSL Drivers/Receivers for Customer Premise Equipment 5V ADSL Driver for CPE 5V ADSL Driver/Receiver for CPE
|
MAXIM - Dallas Semiconductor
|
VN920-B5 VN920SOTR-E |
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY INDUCTOR, AXIAL, 12UH; Inductor type:Choke; Inductance:12uH; Tolerance, inductance: /-20%; Resistance:0.04R; Current, DC max:4A; Frequency, resonant INDUCTOR, AXIAL, 22UH; Inductor type:Choke; Inductance:22uH; Tolerance, inductance: /-20%; Resistance:0.07R; Current, DC max:3A; Frequency, resonant:110MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes
|
STMicroelectronics 意法半导
|
B8004 |
ADSL CPE In-Line Phone Filter - DSL Rocket (3/01) ADSL终端在固定电话过滤器-的DSL火箭 / 01
|
Harwin PLC
|
CW201212-R33J CW201212-12NJ CW201212-R56J CW201212 |
MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.33 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.012 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.91 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-HIGH Q CHIP INDUCTOR 1 ELEMENT, 0.0033 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:High Frequency; Inductance:13.3nH; Inductance Tolerance: /- 5 %; Current Rating:600mA; Series:CW201212; Package/Case:0805; Core Material:Alumina Ceramic; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
ST70138 ST20138 MTC20174-TQ-C1 MTC20174-TQ-C1TR ST |
PCI/USB ADSL CHIPSET: ST70138 MTC20174 FOR ULTRA LOW COST ADSL MODEM
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
|