PART |
Description |
Maker |
2400 |
Size A Aluminum Box With Cover
|
Pomona Electronics
|
2392 |
Size A Aluminum Box With Cover BNC Female Tee
|
Pomona Electronics
|
3606 3601 |
Die Cast Aluminum Box Painted, Size “D Die Cast Aluminum Box Painted, Size 隆掳D隆卤
|
Pomona Electronics
|
4655 |
Die Cast Aluminum Box, J Size W/Card Guides
|
Pomona Electronics
|
04820007ZXBF 04820007ZXPF 048200018ZXB 048200018ZX |
Blade Terminal & Special Purpose Fuses 刀片终 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT07; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle 刀片终 Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:12-8 刀片终 Paired Cable; Number of Conductors:16; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 刀片终 Circular Connector; Body Material:Aluminum Alloy; Series:KPSE06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55 RoHS Compliant: No Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle CONNECTOR ACCESSORY Blade Terminal & Special Purpose Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
AT88SC0104C-MP AT88SC0104C-SU AT88SC0104C-PU AT88S |
PT02A SERIES (MS3112) GENERAL DUTY BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 20 SHELL SIZE, 20-16 INSERT ARRANGEMENT, RECEPTACLE GENDER, 16 CONTACTS CRYPTOMEMORY 1KBIT Circular Connector; Body Material:Aluminum; Series:PT02; Number of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:18-5 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:25; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:24; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle
|
Atmel Corp.
|
1N5553US JANKCA1N5550 JANKCA1N5551 JANKCA1N5552 JA |
JT 66C 66#22M SKT WALL RECP 该规范涵盖硅,通用性能要求 JT 53C 53#22 SKT RECP 该规范涵盖硅,通用性能要求 This specification covers the performance requirements for silicon, general purpose, 该规范涵盖硅,通用性能要求 JT 53C 53#22 PIN RECP Circular Connector; No. of Contacts:32; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:18-32 RoHS Compliant: No Circular Connector; No. of Contacts:53; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:18-53 RoHS Compliant: No Circular Connector; No. of Contacts:66; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:11; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:66; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:18-35 RoHS Compliant: No (1N5550 / 1N5551 / 1N5552 / 1N5553 / 1N5554)
|
Electronic Theatre Controls, Inc. Microsemi List of Unclassifed Manufacturers
|
NJG1304E-C4 NJG1304E NJG1304E-C1 NJG1304E-C2 NJG13 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 中功率功率放大器砷化镓微波单片集成电 Circular Connector; Body Material:Aluminum; Series:PT02; Number of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:8-2 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle MEDIUM POWER AMPLIFIER GaAs MMIC
|
圆形连接 New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
047301.5 0473.375 0473.500 047303.5 047302.5 04732 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; Body Material:Aluminum; Series:PT02; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Socket Axial Lead and Cartridge Fuses - Subminiature 轴向引线和墨盒保险丝-微型
|
Littelfuse, Inc.
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
AK402D4-11 AK402D4-31 AK002M4-00 AK002M4-31 AN002M |
GaAs control FET GaAs MMIC Control FET in SOT 143 DC-2.5 GHz 砷化镓微波单片集成电路控制FET的SOT 143DC - 2.5吉赫 GaAs MMIC Control FET in SOT 143 DC-2.5 GHz 砷化镓微波单片集成电路控制FET的SOT 143的DC - 2.5吉赫 Box Mounting Receptacle, Solid Backshell, Circular Connector, 11 Pin Contacts Circular Connector; No. of Contacts:13; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-35 RoHS Compliant: No Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:4; Connector Shell Size:11; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight RoHS Compliant: No Circular Connector; No. of Contacts:7; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-99 RoHS Compliant: No Circular Connector; No. of Contacts:5; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-5 RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:11-35 RoHS Compliant: No JT 128C 128#22D PIN WALL RECP LJT 39C 37#20 2#16 SKT PLUG ER 14C 4#16 10#12 PIN RECP BOX ER 9C 6#12 3#8 SKT RECP BOX Circular Connector; No. of Contacts:7; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-99 RoHS Compliant: No Circular Connector; No. of Contacts:6; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-98 RoHS Compliant: No ER 9C 6#12 3#8 PIN RECP BOX Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:20-3 RoHS Compliant: No MS3102A20-4P RoHS Compliant: No ER 3C 3#12 PIN RECP Circular Connector; No. of Contacts:5; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-5 RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-35 RoHS Compliant: No Circular Connector; No. of Contacts:14; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
|
Alpha Industries, Inc. Supertex Inc Alpha Industries Inc ALPHA[Alpha Industries] http://
|