PART |
Description |
Maker |
B0727-BL B0727-BLD |
ADSL2 Transformer DSL transformer, for Broadcom BCM6348, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
LM-NP-1001-B1L LM-LP-1001L LM-NP-1002L BOURNSINC-L |
MAGNETICS-LINE-MATCHING TRANSFORMER TELECOM TRANSFORMER MAGNETICS-LINE-MATCHING TRANSFORMER-LF TELECOM TRANSFORMER Transformers 1KHz 66ohm 10% line matching trans TELECOM TRANSFORMER
|
Bourns, Inc. BOURNS INC
|
WB1010-1-SMLB WB3010-SMLB WB1010-1-PCL WB1015-PCL |
Wideband RF transformer, SMT, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.005 MHz - 100 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.1 MHz - 150 MHz RF TRANSFORMER
|
Coilcraft, Inc.
|
S553-6500-C7 |
T1/E1 Transformer Miniature HIGH FREQUENCY MAGNETICS T1/E1 Mini-Octal Transformer Module
|
Bel Fuse Inc.
|
B2243T |
TELECOM TRANSFORMER ADSL LINE TRANSFORMER For Use with Texas Instruments Chipset
|
PULSE ELECTRONICS CORP Pulse A Technitrol Company
|
HA3801-AL HA3802-AL HA3803-AL HA3801-ALB HA3801-AL |
Flyback Transformers Transformer, for TI TPS23753, SMT, RoHS 10 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
PL140-112LB PL140-104LD |
Transformer, planar, SMT, RoHS 140 W, SMPS TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
EPC3168G-1 EPC3168G-1-LF EPC3168G-2 EPC3168G-2-LF |
SMPS TRANSFORMER LEAD FREE Flyback Power Transformer
|
PCA Electronics, Inc. NEC, Corp. PCA ELECTRONICS INC.
|
POE300F-24LD |
PoE transformer, SMT, RoHS 30 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
FL3209-2LB FL3209-1LB FL3209-3LD COILCRAFTINC-FL32 |
Transformer, CCFL, SMT, RoHS 3.5 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
|