PART |
Description |
Maker |
LTC1350 |
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver(3.3V,低功率,EIA/TIA-562收收发器) 3.3V低功耗EIA/TIA-562 3驱动 5接收器收发器.3V,低功率,EIA/TIA-562收收发器
|
Linear Technology, Corp.
|
AFL12005DZ/HB AFL12015DW/HB AFL12005DX/HB AFL12005 |
3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换 Hi-Rel DC-DC Standard Dual Converter in a AFL package 高可靠性的DC - DC标准在冬季两项包双转换器
|
International Rectifier, Corp. Toshiba, Corp. TE Connectivity, Ltd.
|
ISL8563E04 ISL8563ECB-T ISL8563ECB ISL8563E |
RS-232/RS-562 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown with Receivers Active /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
MAX560 MAX560CAI MAX560CWI MAX560-MAX561 MAX561CAI |
3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown 3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NK6PP24P NK6PP48P |
Meets all TIA/EIA-568-C.2 Category 6 and ISO 11801
|
PANDUIT CORP.
|
ADM485ARZ ADM485AR-REEL ADM485ANZ1 ADM485JR ADM485 |
Meets EIA RS-485 standard 5 V Low Power EIA RS-485 Transceiver LINE TRANSCEIVER, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SP3232ECA-L SP3232EEA-L SP3232EEN-L SP3232EEY-L |
True 3.0V to 5.5V RS-232 Transceivers Meets true EIA/TIA-232-F Standards
|
Exar Corporation
|
MC3488A-D |
Dual EIA-423/EIA-232D Line Driver
|
ON Semiconductor
|
MC3488A |
Dual EIA-423/EIA-232D Line Driver
|
ON Semiconductor
|
ATA7550 ATA7550D1 |
The Anadigics ATA7550D1 is a high-speed 5V transimpedance amplifier (TIA) available in bare die form and manufactured using an InGaP ... Transimpedance Amplifiers (TIAs) 5.0V 2.5Gb/s TIA
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
2N3904 2N3903 |
Patch Cord; Connector Type A:Category 6 Modular Plug; Connector Type B:Category 6 Modular Plug; Cable Length:17ft; Approval Categories:Exceeds TIA/EIA-568-B.2-1Category 6 and ISO 11801 Class E standards; Color:White RoHS Compliant: No NPN SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
AMT8302T56F AMT8302 AMT8302T56L |
2125 Gb/s integrated 850 nm MSM-TIA 2.125Gb/s Integrated 850nm MSM-TIA 2.125 Gb/s Integrated 850nm MSM-TIA
|
ANADIGICS, Inc. ANADIGICS Inc ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|