PART |
Description |
Maker |
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
AP1116Y50LA AP1116Y50L AP1116Y33A AP1116 AP1116Y A |
0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator VOLTAGE REG POS 5V 100MA TO-92
|
ETC[ETC] ANACHIP[Anachip Corp]
|
SPX1585 SPX1585AT SPX1585AT-1.5 SPX1585AT-2.5 SPX1 |
5A Low Dropout Voltage Regulator, 2% 5A Low Dropout Voltage Regulator, 1% 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
SIPEX[Sipex Corporation]
|
KA78R12CTSTU KA78R12CTU KA78R33CYDTU KA78R05C KA78 |
1A Fixed 3.3V Low Dropout Voltage Regulator (LDO) 1A Fixed 15V Low Dropout Voltage Regulator (LDO) 1A Fixed 12V Low Dropout Voltage Regulator (LDO) 1A Fixed 8V Low Dropout Voltage Regulator (LDO) 1A Fixed 9V Low Dropout Voltage Regulator (LDO) 1A Fixed 5V Low Dropout Voltage Regulator (LDO) 1A Output Low Dropout Voltage Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
REF191 REF198FS REF19XGRU REF192FS REF192ES REF19X |
Precision Micropower/ Low Dropout/ Voltage References Precision Micropower, Low Dropout, Voltage References 精密微功耗,低压差,电压基准 Precision Micropower, Low Dropout, Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
B1581 B1581T-2.5 B1581T-3.3 B1581T-5 B1581T-ADJ B1 |
5.0A Low Dropout Voltage Regulator Adjustable & Fix Output 2.5V 5.0A low dropout voltage regulator 3.3V 5.0A low dropout voltage regulator Adjustable 5.0A low dropout voltage regulator 1.5V 5.0A low dropout voltage regulator 3.0V 5.0A low dropout voltage regulator
|
BayLinear
|
APL5912 APL5912-KAC-TU APL5912-KAC-TR APL5912-KAC- |
Low IQ, Low Dropout 900mA Fixed Voltage Regulator 0.8V Reference Ultra Low Dropout (0.2V@5A) Linear Regulator
|
Anpec Electronics Coropration
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
MIC29150-3.3WT MIC29150-3.3WU MIC29150-12WT MIC291 |
High-Current Low-Dropout Regulators IC REG LDO 1.5A 3.3V TO263-5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 IC REG LDO 3A 3.3V TO263-5 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 High-Current Low-Dropout Regulators
|
http:// Micrel Semiconductor, Inc. MICREL INC
|
|