PART |
Description |
Maker |
REC-10LA |
Precision Linear Transducers, Designed for Mount in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Designed for High Pressure Chamber of Small Cylinders, Equipped with Glass-Sealed Electrical Outputs
|
Vishay
|
REC-14LH REC-16LH |
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Unsealed, Designed for High Pressure Chamber of Cylinders, High Accuracy, Very Good Repeatability
|
Vishay
|
P0502NL P0527NL P0429NL P0422NL P0420NL P0421NL P0 |
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
|
Pulse A Technitrol Company
|
MAS1215-33 MAS1220-33 |
Equipment Designed to Conform EMI Regulations Such As VCCICISPRFCCVDEetc Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
|
LAMBDA[DENSEI-LAMBDA]
|
MCP809 MCP809T-270I_TT MCP809T-300I_TT MCP809T-315 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP809 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP810 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP810 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP809 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
|
Microchip Technology Inc.
|
MCP100T-270I_TT MCP100T-300I_TT MCP100T-315I_TT MC |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d CPU / System Supervisors Microcontroller Supervisory Circuit with Push-Pull Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
LD1207 |
The LD1207 is specifically designed for LED DISPLAY drivers The LD1207 is specifically designed for LED DISPLAY drivers
|
List of Unclassifed Manufacturers ETC[ETC]
|
PE-53816SNLT PE-53826SNL PE-53826SNLT PE-53806SNL |
1 ELEMENT, 17 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 377 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher
|
Pulse Electronics, Corp. Pulse A Technitrol Company Pulse A Technitrol Comp...
|
235.700 0235.200H-ND H235.125 235.125H H235001 023 |
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards 轴向引线和熔断管-设计符合UL / CSA标准 Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
|
Littelfuse, Inc.
|
2SD1384 2SD1930 2SB1505 2SD2004 2SD1809 2SA1619 2S |
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE From old datasheet system 1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE .2W封装形式的录音晶体管设计为与安使用自动配置MECHINE 2SD1929
|
ROHM[Rohm] ETC Nais(Matsushita Electric Works) Rohm CO.,LTD. Rohm Co., Ltd.
|
AN1344 |
The VIPer100A-E is designed to deliver
|
STMicroelectronics
|
7344-B2T3-AMQB 7344/B2T3-AMQB |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|