PART |
Description |
Maker |
EN6261A |
Variabe resistance Attenuator Use
|
Sanyo Semicon Device
|
MPAT-05840643-4015 MPAT-06400720-4015 MPAT-0750085 |
5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.2 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
DAT41944 |
GaAs 4 Section Attenuator 0 MHz - 2000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX
|
DAICO[DAICO Industries, Inc.]
|
HT9274 9274 |
Power Resistor; Series:TGH; Resistance:5kohm; Resistance Tolerance: /- 5 %; Power Rating:200W; Mounting Type:Chasis/Heat-Sink; Packaging:Bulk Quad Micropower Op Amp From old datasheet system
|
Holtek Semiconductor Inc.
|
HMC424LP3E HMC424LP309 |
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz 0 MHz - 13000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 4.6 dB INSERTION LOSS-MAX
|
Hittite Microwave Corporation Hittite Microwave Corporati...
|
94302-11 |
50 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz 0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.75 dB INSERTION LOSS-MAX
|
Peregrine Semiconductor, Corp.
|
HMC425LP3E HMC425LP309 |
2200 MHz - 8000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 4.3 dB INSERTION LOSS-MAX 0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
|
Hittite Microwave Corporation
|
AV109-73 AV109-73LF AV109-7307 |
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8-1 GHz 800 MHz - 1000 MHz RF/MICROWAVE VARIABLE ATTENUATOR
|
Skyworks Solutions, Inc. Skyworks Solutions Inc.
|
EL5132 EL5132IS-T7 EL5132IS EL5133IW-T7A EL5132IS- |
Rheostat; Series:RLS; Power Rating:150W; Resistance Max:25ohm; Terminal Type:Lugs; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Number of Turns:1; Resistance:25ohm 670MHZ LOW NOISE AMPLIFIERS
|
INTERSIL[Intersil Corporation]
|