PART |
Description |
Maker |
BAT54WS BAT54WS-7-F |
SURFACE MOUNT SCHOTTKY BARRIER DIODE DIODE SCHOTTKY 30V 200MW SOD-323 0.1 A, 30 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated Diodes, Inc.
|
SD103AWS-TP SD103BWS-TP |
DIODE SCHOTTKY 40V 350MA SOD323 0.35 A, 40 V, SILICON, SIGNAL DIODE 400mW Small Signal Schottky Diode 20 to 40 Volts DIODE SCHOTTKY 30V 350MA SOD323
|
Micro Commercial Components, Corp.
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
BAT17 BAT17-05W BAT17-06 BAT17-07 BAT17-04 BAT17-0 |
Schottky Diodes - Silicon RF Schottky diode for mixer applications in the VHF/UHF range Silicon Schottky Diode
|
INFINEON[Infineon Technologies AG]
|
BAS40DW-04 BAS40DW-05-TP BAS40DW-06-TP BAS40TW BAS |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 40V SOT363 0.2 A, 40 V, 4 ELEMENT, SILICON, SIGNAL DIODE DIODE SCHOTTKY ARRAY 40V SOT-363 0.2 A, 40 V, 3 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAS70DW-04 BAS70DW-06-TP BAS70TW BAS70DW-05 |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 70V SOT363 0.07 A, 70 V, 4 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAT240A |
Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
|
SIEMENS A G SIMENS Siemens Semiconductor Group
|
Q62702-A1234 |
Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
|
SIEMENS[Siemens Semiconductor Group]
|
CMDSH05-4 |
SMD Schottky Diode Single SURFACE MOUNT SUPERmini LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
BAT60A Q62702-A1188 |
Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply 硅肖特基二极管(肖特基二极管整流极端VF为移动通信电源供应下降 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
NTHD4N02F NTHD4N02FT1G NTHD4N02FT1 NTHD4N02 |
Power MOSFET and Schottky Diode 20 V, 2.7A, N-Channel, w/1.0 A Schottky Barrier Diode, ChipFET™
|
ON Semiconductor
|
CMDSH-4E |
SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SCHOTTKY DIODE
|
Central Semiconductor Corp
|