PART |
Description |
Maker |
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
BAW74 BAW74D87Z |
High Conductance Fast Diode Small Signal Diode 0.2 A, 50 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
1N3064 1N3064T50R 1N3064TR |
Small Signal Diode 0.3 A, 75 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
1N4448TR FDLL4148-D87Z |
High Conductance Fast Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-35 1N/FDLL 914/A/B / 916/A/B / 4148 / 4448 Small Signal Diode
|
Fairchild Semiconductor, Corp.
|
DTC113 DTC113ZCA DTC113ZE DTC113ZM |
NPN Small Signal Transistor Small Signal Diode
|
Taiwan Semiconductor Company, Ltd
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BAT64-04W BAT64-05W BAT64-06W AT64-04W-TP |
Small Signal Schottky Diode 0.25 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
TMBYV10-60 3485 TMBYV-10-60 TMBYV10-60FILM |
From old datasheet system SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
BZX85C47GP BZX85C15GP BZX85C75GP BZX85C7V5GP BZX85 |
150 V, 2 mA, 1.3 W glass passivated zener diode SMALL SIGNAL SCHOTTKY DIODES 齐纳二极 5.0V PC real-time clock 齐纳二极 Low capacitance, low series inductance and resistance Schottky diodes Low capacitance small signal Schottky diodes Small signal Schotky diodes
|
Fagor Electronics Industry Public Company Limited Fairchild Semiconductor, Corp.
|
1N483BTR |
Small Signal Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 0.2 A, 80 V, SILICON, SIGNAL DIODE, DO-35
|
Fairchild Semiconductor, Corp.
|
|