Part Number Hot Search : 
67000 HF115 SZ5813 HA12228F KBJ402G 100N1 N5401 NTE7059
Product Description
Full Text Search

7HW-36020A-370 - Radial Type Helical Filters 370 MHz, BAND PASS FILTER Radial Type Helical Filters 420 MHz, BAND PASS FILTER Radial Type Helical Filters 410 MHz, BAND PASS FILTER

7HW-36020A-370_4784197.PDF Datasheet


 Full text search : Radial Type Helical Filters 370 MHz, BAND PASS FILTER Radial Type Helical Filters 420 MHz, BAND PASS FILTER Radial Type Helical Filters 410 MHz, BAND PASS FILTER


 Related Part Number
PART Description Maker
5CHW 5CHT 477MS-1031A 477MS-1032A 477MS-1033A 477M Helical Filters for Surface Mounting
http://
TOKO Inc.
TOKO[TOKO, Inc]
TOKO, Inc.
CFSKB SKP107M1-A0-20 SKP107M2-A0-20 SKP107M3-A0-20 Radial Taping / FM Ceramic Filters
TOKO, Inc
CFSKP SKP107M2-AE-20 SKP107M4-AE-20 SKP107M1-AE-10 RADIAL TAPING FM CERAMIC FILTERS
TOKO[TOKO, Inc]
CMR05C2R5DODP CMR04C2R5DODP CMR04F271GPCR CMR05C12 CAPACITOR, MICA, 500 V, 0.0000025 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 300 V, 0.00027 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.000012 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.00016 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.00013 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.00012 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.0002 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.00018 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.000024 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.00024 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.000062 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.024 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.002 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, MICA, 500 V, 0.00039 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAP,Mica,6pF,500VDC,.5-pF Tol,.5 Tol,-200,200ppm-TC CAPACITOR, MICA, 500 V, 0.000006 uF, THROUGH HOLE MOUNT
Cornell Dubilier Electronics, Inc.
B37981-F1102-K B37981-F1103-K B37981-F1222-K B3798 KONDENSATOR RADIAL 10NF 100V RM5
KONDENSATOR RADIAL 2.2NF 100V RM5
KONDENSATOR RADIAL 470PF 100V RM5
KONDENSATOR RADIAL 1UF 50V RM5
KONDENSATOR RADIAL 470NF 50V RM5
KONDENSATOR RADIAL 33NF 50V RM5
KONDENSATOR RADIAL 4.7NF 50V RM5
KONDENSATOR RADIAL 10NF 50V RM5
KONDENSATOR RADIAL 22NF 50V RM5
KONDENSATOR RADIAL 47NF 50V RM5
KONDENSATOR RADIAL 22NF 50V RM2.5
KONDENSATOR RADIAL 22NF 100V RM2.5
KONDENSATOR RADIAL 22NF 100V RM5
KONDENSATOR RADIAL 1.0NF 100V RM2.5
KONDENSATOR RADIAL 68NF 50V RM2.5
KONDENSATOR RADIAL 150NF 50V RM2.5
KONDENSATOR RADIAL 100NF 50V RM2.5
KONDENSATOR RADIAL 10NF 50V RM2.5
KONDENSATOR RADIAL 4.7NF 50V RM2.5
KONDENSATOR RADIAL 47NF 50V RM2.5
KONDENSATOR RADIAL 4.7NF 100V RM2.5
KONDENSATOR RADIAL 2.2NF 100V RM2.5
KONDENSATOR RADIAL 680NF 50V RM5 KONDENSATOR径向680NF 50V令吉
KONDENSATOR RADIAL 4.7NF 100V RM5 KONDENSATOR径向4.7NF 100V的令
CAPACITOR 33NF 50V 电容3NF 50V
KONDENSATOR RADIAL 33NF 50V RM2.5 KONDENSATOR径向33NF 50V令吉
CAPACITOR 470PF100V 电容70PF100V
KONDENSATOR RADIAL 1.0NF 100V RM5 KONDENSATOR径向1.0NF 100V的令
Pasternack Enterprises, Inc.
NXP Semiconductors N.V.
EPCOS AG
Glenair, Inc.
121-100 Helical Convoluted Tubing
Glenair, Inc.
KRG0300135 KRG0300800 KRG0300160 KRG0300250 KRG030 KRG030 Radial Leaded Type 30V
KRG030 Radial Leaded Type 30V
Thinking Electronic Industrial Co.,Ltd
XT4.60MW XT4.60MWP XT5.57MW XT5.65MW XT4.47MW XT4. XT MW Double Type Trap Filters
Token Electronics Industry Co., Ltd.
BL02RN1 On-Board Type (DC) EMI Suppression Filters
Murata
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
Very high current capacity
BOURNS INC
Bourns Electronic Solut...
 
 Related keyword From Full Text Search System
7HW-36020A-370 SePIC 7HW-36020A-370 0pam 7HW-36020A-370 display 7HW-36020A-370 Chip 7HW-36020A-370 Datasheet
7HW-36020A-370 philips 7HW-36020A-370 data sheet ic 7HW-36020A-370 varactor 7HW-36020A-370 microprocessor 7HW-36020A-370 Purpose
 

 

Price & Availability of 7HW-36020A-370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69718217849731