PART |
Description |
Maker |
GRF1-J-P-04-E-ST-TH1-E GRF1-J-P-02-E-ST-TH1-E |
CONN MMCX JACK GANG 4POS PCB BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, JACK CONN MMCX JACK GANG 2POS PCB BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, JACK
|
Samtec, Inc.
|
M80-4655005 M80-4753405 M80-4651242A M80-4650642A |
50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, Extended Wall, gold clip gold shell, no jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Linear Technology, Corp. Harwin PLC HARWIN INC
|
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
CES-150-01-S-S CES-104-01-S-S SLW-1 CES-130-01-S-S |
CONN RCPT 50POS .100 SNGL GOLD 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET LOW PROFILE .025" SQUARE STRIPS 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 49 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
48201-6063 48201-6043 48201-6046 48201-6052 48201- |
9ckt D-Sub Female Fork Board Lock L/F 9 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 15ckt D-Sub Female Fork Board Lock L/F 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 25ckt D-Sub Female Fork Board Lock L/F 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER Std D-sub Female Fork Lock 15P 15m L/F 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER
|
Molex, Inc.
|
03-09-1064 03-09-2061 03-09-6061 03-09-7062 |
Circular Connector; Series:1261R; Gender:Female; Number of Contacts:6 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN PLUG 6POS .093 PANEL MOUNT 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, PLUG 093 Pwr Conn Rcpt Black Ears/Lk 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-7181505 M80-7180605A |
Datamate J-Tek 3-Row Female Small Bore Crimp Connector, no jackscrews, gold clip gold shell, 15 signal 2 power 17 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 8 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
M80-4212605 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, with Hex Socket jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|