PART |
Description |
Maker |
1N5394GP 1N5395GP 1N5393GP 1N5399GP 1N5391GP 1N539 |
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 300 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
RGP20B RGP20G RGP20J RGP20K RGP20M RGP20A RGP20D |
2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AE
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
HER108G-AP HER103G HER107G HER101G |
1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 PLASTIC PACKAGE-2 1.0 Amp Glass Passivated High Efficient Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp.
|
SDB105 SDB107 SDB101 SDB104 SDB106 SDB103 SDB102 |
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE (SDB101 - SDB107) 1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
FR156 FR152 FR155 FR153 FR157 FR151 FR154 |
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts 1.5 A, 100 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
BR86DL BR88DL BR805DL BR810DL BR81DL BR82DL BR84DL |
2.0A, 1000V ultra fast recovery rectifier 2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 2 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
SDR959/3 SDR9510/3 |
50 AMP 800-1100 VOLTS 80 nsec ULTRA FAST RECTIFIER 50 A, 1000 V, SILICON, RECTIFIER DIODE, TO-3
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
HIP6004DCBZ HIP6004DCR HIP6004DCRZ HIP6004D05 HIP6 |
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor HIP6004D; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO20 Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor HIP6004D; Temperature Range: 0°C to 70°C; Package: 20-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RB154-BP RB15108 RB152-BP RB156-BP RB155-BP RB153- |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 1.5A 200V RB-15 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
UPS835L01 |
SCHOTTKY BARRIER RECTIFIER 8 AMP 35 VOLT
|
Microsemi Corporation
|
10A02 10A06 |
10 Amp Rectifier 50 to 1000 Volts
|
Micro Commercial Components
|