PART |
Description |
Maker |
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|
HCTS20MS HCTS20D_SAMPLE HCTS20DMSR HCTS20HMSR HCTS |
NAND-Gate, 4-Input, TTL Inputs, Dual, Rad-Hard, High-Speed, CMOS, Logic Switch Boot; For Use With:Toggle Switches Radiation Hardened Dual 4-Input NAND Gate HCT SERIES, DUAL 4-INPUT NAND GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
74F00 74F00SJX 74F00PC 74F00PCX 74F00SC 74F00SCX 7 |
Quad 2-Input NAND Gate From old datasheet system Quad 2-Input NAND Gate F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad 2-Input NAND Gate F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Gate 输入与非
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
NC7SZ38 NC7SZ38L6X NC7SZ38M5X NC7SZ38P5X |
RECTIFIER FAST-RECOVERY SINGLE 3A 50V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 TinyLogic UHS 2-Input NAND Gate (Open Drain Output) TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC2G00GF 74LVC2G00GD 74LVC2G00DP |
Dual 2-input NAND gate LVC/LCX/Z SERIES, DUAL 2-INPUT NAND GATE, PDSO8 Dual 2-input NAND gate 输入与非
|
NXP Semiconductors N.V.
|
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
74AUP1G38GF132 |
Low-power 2-input NAND gate (open drain); Package: SOT891 (XSON6); Container: Tape reel smd AUP/ULP/V SERIES, 2-INPUT NAND GATE, PDSO6
|
NXP Semiconductors N.V.
|
CD4011BT CD4011BDTR 5962R9662101TXC 5962R9662101TC |
16-Bit Bus Transceiver And Register With 3-State Outputs 56-SSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 CMOS Quad 2-Input NAND Gate
|
Intersil, Corp. Intersil Corporation
|
HCS00MS HCS00D HCS00DMSR HCS00HMSR HCS00K HCS00KMS |
NAND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic RES 1.65K-OHM 1% 0.10W 100PPM THK-FILM SMD-0603 TR-7-PA ROHS Radiation Hardened Quad 2-Input NAND Gate
|
INTERSIL[Intersil Corporation] http://
|
74AUP2G00GD125 |
Low-power dual 2-input NAND gate; Package: SOT996-2 (XSON8U); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, DUAL 2-INPUT NAND GATE, PDSO8
|
NXP Semiconductors N.V.
|
MC74LCX00DG |
Low-Voltage CMOS Quad 2-Input NAND Gate; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
Rectron Semiconductor
|
74HC1G00 74HCT1G00 74HC1G00GW 74HC1G00GV 74HCT1G00 |
74HC1G00; 74HCT1G00; 2-input NAND gate 2-input NAND gate 2输入与非
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|