PART |
Description |
Maker |
LT1130A LT1130ACNW LT1130ACSW LT1130AISW LT1131A L |
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO24 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,?????????5????RS232椹卞????ユ???甯?????灏??瀹?) CAP .015UF 200V B SERIES POLY LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,先进的低功5RS232驱动接收带关断和小电) Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 Octal Buffers/Line Drivers with 3-State Outputs 20-SO 0 to 70 From old datasheet system 5V, 12V 4-Driver/4-Receiver 5-Driver/3-Reciever 4-Driver/5-Receiver Advanced 5-Driver/3-Receiver RS232 Transceiver without Charge Pump Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,?????????3????RS232椹卞????ユ???甯?????灏??瀹?)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
THC63LVDM87 |
LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
|
THine Electronics, Inc.
|
HSDL-3208-021 |
Ultra Small Profile Package IrDA? Data Compliant Low Power 115.2 kbit/s Infrared Transceiver Ultra Small Profile Package IrDA垄莽 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
|
Lite-On Technology Corporation
|
HSDL-3203 HSDL-3203-021 |
Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
|
Agilent(Hewlett-Packard)
|
MCP3002T-I/SN MCP3002T-I/ST MCP3002T-I/STG MCP3002 |
MCP3002 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ...
|
Microchip
|
IRF7702GPBF IRF7703GPBF |
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
|
International Rectifier
|
ISL29101IROZ-EVALZ ISL29101IROZ-T7 ISL29101 |
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC Small, Low Power, Voltage-Output Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil Corporation Intersil, Corp.
|
AP2305AGN-HF |
3.2 A, 30 V, 0.06 ohm, P-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 Simple Drive Requirement, Small Package Outline
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
AP2305BGN-HF AP2305BGN-HF-14 |
4.2 A, 20 V, 0.053 ohm, P-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 Simple Drive Requirement, Small Package Outline
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electron...
|
ZXTD1M832TC ZXTD1M832 ZXTD1M832TA |
MPPSTM Miniature Package Power Solutions DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR 4000 mA, 12 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Dual PNP Low Sat Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
ZXTD3M832TC ZXTD3M832 ZXTD3M832TA |
Dual PNP Low Sat Transistor MPPSTM Miniature Package Power Solutions DUAL 40V PNP LOW SATURATION TRANSISTOR 3000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
MCP3301NBSP MCP3301-CI-SN MCP3301 MCP3301-CI/MS MC |
The MCP3301 13-bit Analog to Digital Converter (ADC) features a full differential input and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface 13-Bit Differential Input Low Power A/D Converter with SPI Serial Interface
|
MICROCHIP[Microchip Technology]
|