PART |
Description |
Maker |
73100-0033 |
50 Ohms, N Jack, Crimp, RG-141, RG-303 and RG-58 Cable, Bulk
|
Molex Electronics Ltd.
|
282133-75 |
1.0/2.3 END LAUNCH RECEPT. BULK HAND JACK - 75 OHM (.062 BOARD THICKNESS)
|
Amphenol Corporation
|
672D786H100DS5J 27F040EK5J |
RADIAL LEADED MINIATURE ALUMINUM - Bulk RADIAL,HIGH RIPPLE,40V,220UF,-10% 50%,-55- 105,16X25,BULK - Bulk
|
Vishay Sprague
|
R464-15 |
For Photon Counting 5 mm × 8 mm Bialkali Photocathode 51 mm (2 lnch) Diameter, Head-on Type
|
Hamamatsu Corporation
|
R375-15 |
160 nm to 850 nm Response (Multialkali) 51 mm (2 Inch) Diameter, 10-stage, Head-on Type
|
Hamamatsu Corporation
|
R9800 R980009 |
For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
|
Hamamatsu Corporation
|
HSC-AT11U-A30 HSC-AT11K-A00 HSC-AT11K-A01 HSC-AT11 |
Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 22x30 mm; Packaging: Bulk SC型固定衰减器 SC Type Fixed Attenuators SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 450V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
FP069P300RG7532B8 FP069P300RF7532RE FP069P330RF753 |
Film/Foil Resistor, RES,AXIAL,METAL FILM,300 OHMS,2% /-TOL Res Metal Film 300 Ohm 1% 2W Conformal AXL Thru-Hole T/R METAL FILM/PULSE,2W,330,1%,150PPM,BULK - Bulk METAL FILM/PULSE,2W,470,5%,150PPM,BULK - Bulk
|
Vishay Dale
|
2SC3329 |
Transistor Silicon NPN Epitaxial Type (PCT process) For Low Noise Audio Amplifier Applications and Recommended for The First Stages of MC Head Amplifiers
|
TOSHIBA
|
R331-05-15 |
For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
|
Hamamatsu Corporation
|
PIC16C620-20I_P PIC16C622A-20I/SS PIC16C622A-20I/S |
CENTRONICS PARALLEL CBLS 36 PIN M - 36 PIN M 存储器为基础位CMOS微控制器 Thin non-lighted SPST, red button, "o -" 存储器为基础位CMOS微控制器 Subminiature PCB fuse, solderable into PCBs or fuseholder; Voltage Rating: 125V; Current Rating: 0.1A; Characteristic: Fast Acting 存储器为基础位CMOS微控制器 EPROM-Based 8-Bit CMOS Microcontroller 存储器为基础位CMOS微控制器 存储器为基础CMOS微控制器 SUR ABSORBER 14MM 390V 4500A ZNR NPN Silicon Small Signal Transistor; General Purpose; Package: TO-18; Collector Emitter Voltage, VCEO: 40V; Continuous Collector Current, IC: 800mA; Emitter-Base Voltage, VEBO: 6.0V; DC Current Gain Min (hfe): 75 CAP 0.27UF 50V 10% NP0(C0G) SMD-1825 BULK TIN/LEAD/ALLOY S-MIL-PRF-55681 Mini non-lighted SPDT, 2pos, unprinted CONNECTOR ACCESSORY RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes SMD BRIDGE RECTIFIER Small Signal Transistor General Purpose, NPN AMPL/SWITCH NPN Silicon Small Signal Transistor; General Purpose; Package: TO-18; Collector Emitter Voltage, VCEO: 40V; Continuous Collector Current, IC: 800mA; Emitter-Base Voltage, VEBO: 6.0V; DC Current Gain Min (hfe): 75 Coaxial Inter Series Adaptor; Convert From:N Jack; Convert To:SMA Plug RoHS Compliant: Yes RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Adapter, Plug-Plug RoHS Compliant: Yes RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Bulkhead Adapter, Jack-Jack RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:SMB Plug RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|
ZM4744 ZM4735 ZM4746 ZM4748 ZM4737 ZM4731 ZM4729 Z |
RF/Coaxial Connector; RF Coax Type:Twinaxial; Contact Termination:Clamp/Solder; Body Style:Straight Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A RoHS Compliant: Yes BNC Adapter; Body Style:Straight Adapter, Jack-Jack; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes Male Cap; For Use With:75 Ohm Female receptacles; Accessory Type:BNC Accessory; Contact Plating:Nickel; Gender:Male; Impedance:75ohm RoHS Compliant: Yes SILICON PLANAR POWER ZENER DIODES
|
GOOD-ARK[GOOD-ARK Electronics]
|
|