PART |
Description |
Maker |
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SLE24C02 SLA24C02 |
2Kbit (256 ×8 bit) Serial CMOS-EEPROM with IIC Synchronous 2-Wire Bus(2K256 ×8 串行CMOS-EEPROM) 2Kbit256 × 8位)串行的CMOS EEPROM,带有国际进口同2线巴士(2K位(256 × 8位)串行的CMOS EEPROM的)
|
SIEMENS AG
|
DS2430AV DS2430AP DS2430AT DS2430AX |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 256-Bit 1-Wire EEPROM
|
Toshiba, Corp. Dallas Semiconducotr Dallas Semiconductor
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
PCF85102C-2 |
256 x 8-bit CMOS EEPROM with I2C-bus interface 256 X 8-bit CMOS EEPROM with I 2 C-bus interface
|
Philips
|
PCF85103C-2T PCF85103C-2P |
256 x 8-bit CMOS EEPROM with I2C-bus interface
|
NXP Semiconductors
|
CAT28LV256 CAT28LV256N-20T CAT28LV256N-25T CAT28LV |
256K-bit CMOS parallel EEPROM 250ns 256K-bit CMOS parallel EEPROM 200ns 256K-bit CMOS parallel EEPROM 300ns 256K-Bit CMOS PARALLEL E2PROM 128Kx8 EEPROM 128Kx8 EEPROM 32K X 8 EEPROM 3V, 200 ns, PQCC32
|
http:// CATALYST[Catalyst Semiconductor] Intersil, Corp. Epson (China) Co., Ltd. STMicroelectronics N.V. ON SEMICONDUCTOR
|
IS24C52-3ZI IS24C52 IS24C52-2G IS24C52-2GI IS24C52 |
2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 From old datasheet system
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
CAT25040S CAT25040SA CAT25040SE CAT25040SI CAT2502 |
SPI Serial CMOS EEPROM (Motorola Compatible), 1K, 2-bit Block Protection SPI Serial CMOS EEPROM (Motorola Compatible), 2K, 2-bit Block Protection 1K/2K/4K SPI Serial CMOS EEPROM Replaced by DRV101,DRV102,DRV104 : PWM Low Side Driver (1.5A/3A) for Solenoids, Coils, Valves, Heaters, and Lamps 8-SO PowerPAD -40 to 85 Replaced by DRV101,DRV102,DRV104 : PWM Low Side Driver (1.5A/3A) for Solenoids, Coils, Valves, Heaters, and Lamps 8-SOIC Replaced by SN74LVC162244A : 16-Bit Buffer/Driver With 3-State Outputs 48-TSSOP -40 to 85 Automotive Catalog Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-TSSOP -40 to 125 Replaced by SN74LVC162244A : 16-Bit Buffer/Driver With 3-State Outputs 48-SSOP -40 to 85 Automotive Catalog Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-SOIC -40 to 125 16-Bit Buffer/Driver With 3-State Outputs 48-TVSOP -40 to 85 19-Bit Bus Interface With 3-State Outputs 48-SSOP 0 to 70 19-Bit Bus Interface With 3-State Outputs 48-TSSOP 0 to 70 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, TSSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 192 kHz Digital Audio Transmitter 28-TSSOP -40 to 85 1K/2K/4K SPI串行EEPROM中的CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 256 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
CATALYST[Catalyst Semiconductor] Rectron Semiconductor Bourns, Inc.
|
28LV256SI-3 28LV256SI-4 28LV256SI-5 28LV256SI-6 28 |
Speed: 200 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 250 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 300 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Speed: 400 ns, Low voltage CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 200 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 250 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 400 ns. Low voltage CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 300 ns.
|
Turbo IC
|