PART |
Description |
Maker |
IDT72V3622 IDT72V3622L10PF IDT72V3622L10PQF IDT72V |
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1024 x 36 x 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
|
IDT[Integrated Device Technology]
|
IDT72V36102L10PF IDT72V3682L15PF IDT72V36102L15PF |
3.3 VOLT CMOS SyncBiFIFO-TM 64K X 36 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP120 3.3 VOLT CMOS SyncBiFIFO-TM 16K X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120 3.3 VOLT CMOS SyncBiFIFO-TM 64K X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120
|
Integrated Device Technology, Inc.
|
IDT72V3692L15PF IDT72V36102 IDT72V36102L10PF IDT72 |
3.3 VOLT CMOS SyncBiFIFO-TM
|
IDT[Integrated Device Technology]
|
IDT72V3652 IDT72V3672 |
3.3 VOLT CMOS SyncBiFIFO?
|
IDT
|
IDT72V3612L20PQF |
3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
|
http://
|
IDT723652 |
CMOS SyncBiFIFO?
|
IDT
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
74LCX646 74LCX646RM13TR 74LCX64604 |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMicroelectronics
|
S29CD016J1JFAM033 S29CD016J1JFAM133 S29CD016J0JFAM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 32/16兆位的CMOS 2.6伏或3.3伏,只有同时写,双启动,突发模式闪存记忆体与VersatileI /输出
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
IDT72V3611 72V3611_DS_7054 IDT72V3611L20PQF IDT72V |
3.3 VOLT CMOS SyncFIFO 64 x 36 From old datasheet system 3.3 VOLT CMOS SyncFIFO?
|
IDT[Integrated Device Technology]
|
AM29LV641GH35EI AM29LV641GL35EI AM29LV641GH55EI AM |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 64兆位个M x 16位)的CMOS 3.0伏特,只有统一闪存部门与VersatileI /输出⑩控 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 4M X 16 FLASH 3V PROM, 70 ns, PBGA63 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
|
Advanced Micro Devices, Inc.
|