PART |
Description |
Maker |
GBU4K-BP |
RECT BRIDGE GPP 4A 800V GBU 4 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Components, Corp.
|
GBJ1500511 GBJ1510-BP |
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 15A 1000V GBJ 15 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Components, Corp.
|
MB351W-BP MB354W-BP MB3510W-BP MB3505W-BP MB356W-B |
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 35A 200V WIRE LEADS 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
FESP08K |
GPP-TO Pack: ITO-220AC Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 8.0A
|
Gulf Semiconductor
|
DF005S DF005M DF10S DF01M DF01S DF02M DF02S DF04M |
1000V Bridge in a D-71 package 800V Bridge in a D-71 package 400V Bridge in a D-71 package 200V Bridge in a D-71 package 100V Bridge in a D-71 package 50V Bridge in a D-71 package 600V Bridge in a D-71 package 1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
|
IRF[International Rectifier]
|
2KBP02 2KBP04 2KBP10 2KBP 2KBP005 2KBP01 2KBP06 2K |
800V Bridge in a D-44 package 600V Bridge in a D-44 package 1000V Bridge in a D-44 package 400V Bridge in a D-44 package 200V Bridge in a D-44 package 100V Bridge in a D-44 package 50V Bridge in a D-44 package Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: /- 1%; Series:CD30; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica 2A single phase rectifier bridge 2A单相整流
|
IRF[International Rectifier] International Rectifier, Corp.
|
KBPC108 KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 K |
3A,6A single phase rectifier bridges 3 A Single Phase Rectifier Bridges(3A 单向整流器桥) 三单相整流桥3A条单向整流器桥) 6 A Single Phase Rectifier Bridges(6A 单向整流器桥) 1000V Bridge in a D-72 package 800V Bridge in a D-72 package 600V Bridge in a D-72 package 400V Bridge in a D-72 package 200V Bridge in a D-72 package 50V Bridge in a D-72 package 1000V Bridge in a D-46 package 600V Bridge in a D-46 package 400V Bridge in a D-46 package 200V Bridge in a D-46 package 100V Bridge in a D-46 package 50V Bridge in a D-46 package 800V Bridge in a D-46 package 6 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Vishay Siliconix International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
T4ARS3507M T4ARS3505M T4ARS3506M |
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
|
Rectron Semiconductor
|
IR25XB02H IR25XB04H IR25XB06H IR25XB08H |
25.0 Amps Single Phase Full Wave 二十五点?安培单相全 600V Bridge in a IR25XB package 200V Bridge in a IR25XB package 800V Bridge in a IR25XB package 400V Bridge in a IR25XB package
|
International Rectifier, Corp.
|
G2SBA480-E |
Bridge rectifier Pack: GBL SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:4.0A
|
Gulf Semiconductor
|
G2SB480-E G2SB460-E |
Bridge rectifier Pack: GBL SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600V to 800V Current:4.0A
|
Gulf Semiconductor
|
KBU3501-G KBU3502-G KBU3504-G KBU3506-G KBU3510-G |
Bridge Rectifiers, V-RRM=600V, V-DC=600V, I-(AV)=35A Bridge Rectifiers, V-RRM=50V, V-DC=50V, I-(AV)=35A Bridge Rectifiers, V-RRM=100V, V-DC=100V, I-(AV)=35A Bridge Rectifiers, V-RRM=200V, V-DC=200V, I-(AV)=35A Silicon Bridge Rectifiers Bridge Rectifiers, V<sub>RRM</sub>=1000V, V<sub>DC</sub>=1000V, I<sub>(AV)</sub>=35A Bridge Rectifiers, V-RRM=800V, V-DC=800V, I-(AV)=35A Bridge Rectifiers, V-RRM=400V, V-DC=400V, I-(AV)=35A
|
Comchip Technology
|