PART |
Description |
Maker |
DAC1408D6501008 |
Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
|
NXP Semiconductors
|
DAC1408D650 DAC1408D650HN |
Dual 14-bit DAC; up to 650 Msps; 2? 4?or 8?interpolating with JESD204A interface
|
Integrated Device Technology
|
AD1833AAST-REEL AD1833ACST-REEL EVAL-AD1833AEB AD1 |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 24-Bit, 192 kHz, DAC SERIAL INPUT LOADING, 24-BIT DAC, PQFP48 Multichannel, 24-Bit, 192 kHz, DAC
|
Analog Devices, Inc.
|
AD8582 AD8582AN AD8582AR AD8582CHIPS |
5 Volt, Parallel Input Complete Dual 12-Bit DAC DUAL, PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, UUC24 5 Volt/ Parallel Input Complete Dual 12-Bit DAC
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7542JN AD7542TQ AD7542SQ AD7542AQ AD7542KP AD754 |
Precision 12-Bit CMOS Multiplying I-OUT DAC, 4-Bit Bus CMOS P-Compatible 12-Bit DAC CMOS uP-COMPATIBLE 12-BIT DAC PARALLEL, 4 BITS INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP16
|
AD[Analog Devices] Analog Devices, Inc.
|
DAC1408D750 DAC1408D750HN |
Dual 14-bit DAC; up to 750 Msps; 2?, 4? or 8? interpolating with JESD204A interface Dual 14-bit DAC; up to 750 Msps; 2×, 4× or 8× interpolating 14-BIT DAC, PQCC64
|
NXP Semiconductors N.V.
|
LTC2602 LTC2632 LTC2633 LTC2630 LTC2622 LTC1662 LX |
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference 10-BIT DAC, PDSO8 12-BIT DAC, PDSO8
|
Linear Technology LINEAR TECHNOLOGY CORP
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX5223EKA-T |
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23 SERIAL INPUT LOADING, 50 us SETTLING TIME, 8-BIT DAC, PDSO8
|
Maxim Integrated Products, Inc.
|
5962-8767107LA 5962-8767107LX 5962-8767101KA 5962- |
Fuse-Programmable PLD Complete, 12-Bit Multiplying DAC Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface 保险丝,可编程的PLD
|
Rochester Electronics, LLC
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|