PART |
Description |
Maker |
BZD23 BZD23-C10 BZD23-C100 BZD23-C11 BZD23-C110 BZ |
360 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes 3.9 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 1UF 50V 80-20% Y5V SMD-1206 TR-7 PLATED-NI/SN 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes 4.7 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 6.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Voltage regulator diodes 5.1 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE CAP 0.01UF 50V 10% Y5V SMD-1206 TR-7 PLATED-NI/SN Voltage regulator diodes(稳压二极 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% INDUCTOR 47UH 5% FERRITE BEAD 47UH 10% From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PZM5.6NB2A PZM4.7NB2A PZM15NB2A PZM3.9NB2A PZM2.7N |
Voltage regulator double diodes 12 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Voltage regulator double diodes 稳压双二极管 Voltage regulator double diodes 2.4 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Voltage regulator double diodes 3 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 RF/Coaxial Connector; RF Coax Type:TNC; Contact Termination:Crimp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:59, 62, Belden 8241, 8263, 8279, 9209 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:TNC; Contact Termination:Crimp; Impedance:50ohm; Body Style:Straight Bulkhead Jack; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes Voltage Regulator Double Diodes(双稳压二极管) 7.5 V, 0.22 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236
|
NXP Semiconductors N.V. PHILIPS [Philips Semiconductors] PHILIPS[Philips Semiconductors]
|
RD8.2S RD91S RD20S RD6.2S RD12S RD5.6S RD3.6S RD7. |
ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD 7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE SUPERMINI-2 surface mount silicon Zener diodes 表面贴装硅稳压二极管 CA-COME 稳压二极00毫瓦2个引脚超小型模具 3.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.65 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.26 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NEC[NEC] NEC Corp. Vectron International, Inc. NEC, Corp.
|
M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M |
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V surface mount silicon Zener diodes Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
SZN5922TXV SZN5942TXV SZN5952TXV SZN5932TXV SZN593 |
7.5 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 20 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 33 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 150 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3 ?200 VOLTS ZENER DIODES 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 68 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.1 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 43 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 12 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 100 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 82 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 62 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 11 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 160 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 1.5 WATT 3.3 ?200 VOLTS ZENER DIODES
|
Solid State Devices, Inc. SOLID STATE DEVICES INC Solid States Devices, Inc Solid States Devices, I...
|
CZ5388B CZ5342B CZ5343B CZ5344B CZ5345B CZ5346B CZ |
surface mount silicon Zener diodes 150 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 68 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 30 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 19 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 87 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 39 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 7.5 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 91 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD Silicon Zener Diode is a high quality voltage regulator Leaded Zener Diode General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
1N4480 1N4481 1N4482 1N4483 1N4484 1N4485 1N4486 1 |
Zener-Diode 0.5W, 5%, DO-35 RoHS Compliant: Yes surface mount silicon Zener diodes 7.5 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 30 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 62 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE TVFKCL 1,5/ 4-ST TVFKCL 1,5/ 3-ST 1.5 WATT GLASS ZENER DIODES 1.5 WTT GLASS ZENER DIODES Zener Voltage Regulator Diode
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N6017A-1TR 1N6012B 1N6000-1TR 1N5989D-1E3TR 1N600 |
51 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 10 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 3.6 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 20 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 47 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 5.6 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 68 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 4.3 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 3.3 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 200 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.8 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 130 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 7.5 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 36 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 75 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 82 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 160 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 150 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Axial-Leaded 500 mW Zener Diodes
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi Corporation
|
1N5913B 1N5913BTHRU1N5947B MZD91TA MZP4756A MZD4.3 |
3.3 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS Zener Voltage Regulator Diodes 1 WATT 齐纳稳压二极?瓦 91 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 47 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 4.3 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 4.7 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. MotorolaInc
|
1PMT4614 1PMT4615 1PMT4616 1PMT4617 1PMT4618 1PMT4 |
Zener Voltage Regulator Diode surface mount silicon Zener diodes Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits TRANSF 10K CT/ 2K CT AUDIO Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 8.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA Powermite LOW NOISE 1 WATT Zener Diodes 62 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA Powermite LOW NOISE 1 WATT Zener Diodes 36 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA Powermite LOW NOISE 1 WATT Zener Diodes 39 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA Powermite LOW NOISE 1 WATT Zener Diodes 51 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA Powermite LOW NOISE 1 WATT Zener Diodes 87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA Powermite LOW NOISE 1 WATT Zener Diodes 68 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA Powermite LOW NOISE 1 WATT Zener Diodes 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
SZN4972TXV SZN4992TXV SZN4962TX SZN4955 SZN4958 SZ |
39 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 270 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 15 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 6.8 ?390 VOLTS ZENER DIODES 5 W 6.8 ?390 VOLTS ZENER DIODES 130 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 240 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid State Devices, Inc. Solid States Devices, Inc SOLID STATE DEVICES INC
|
MLL4744A MLL4750A MLL4733A MLL4759A MLL4741A MLL47 |
Zener Voltage Regulator Diode LEADLESS GLASS ZENER DIODES Dual Bi-Directional I2C-Bus and SMBus Voltage Level-Translator 8-US8 -40 to 85 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Remote 8-Bit I<sup>2</sup>C and Low-Power I/O Expander with Interrupt Output and Configuration Registers 16-SSOP -40 to 85 68 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Dual Bidirectional I<sup>2</sup>C Bus and SMBus Repeater 8-SOIC -40 to 85 33 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
MICROSEMI[Microsemi Corporation] Micro Commercial Components, Corp. Microsemi, Corp.
|
|