PART |
Description |
Maker |
CPH3307 |
P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications N-Channel Silicon MOSFET
|
SANYO[Sanyo Semicon Device]
|
TMC-4F20 |
VCSEL TO-46 metal can for gener al purpose
|
List of Unclassifed Manufacturers ETC
|
ENA0889 MCH6438 |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
2SK383204 2SK3832 |
30 A, 100 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
3HP04SS |
200 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET P-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
2SK3980 |
900 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
Q62702-F1772 BF2000W |
From old datasheet system Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise/ gain-controlled input stages up to 1 GHz) Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz) UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, MOSFET
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
|