PART |
Description |
Maker |
5-640432-4 |
MTA, CST-100 II, MT-6 and SL Connectors and Headers; 24P MTA156 CONN ASSY 20AWG YEL ( AMP )
|
Tyco Electronics
|
70ADJ-2-ML0 70ADJ-2-ML0G 70ADJ-2-ML1 70ADJ-2-ML1G |
70AD/Male - Modular Contact CONN MOD 5POS MALE SMD PCB CONNECTOR MODULAR CONTACT - SMD MALE PCB CONNECTOR CONN MOD 3POS MALE SMD PCB CONNECTOR CONN MODULAR 4POS MALE
|
Bourns Electronic Solutions Bourns, Inc. BOURNS INC
|
JS1-5V JS1A-12V JS1A-18V JS1A-24V JS1A-48V JS1A-5V |
(JS Series) ULTRA-MINIATURE PC BOARD TYPE POWER RELAY CONN SOCKET CODING KEY YELLOW CONN HEADER TYPE-C 55POS R/A AU Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 16x31.5 mm; Packaging: Bulk CONN SHROUD CPCI 2MM TYPE C 11 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 15000uF; Voltage: 35V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk 超微型基板式电源继电 ULTRA-MINIATURE PC BOARD TYPE POWER RELAY 超微型基板式电源继电 CONN SHROUD CPCI 2MM TYPE B 25 超微型基板式电源继电 Wire-To-Board Connector; No. of Contacts:30; Pitch Spacing:0.1"; Gender:Female RoHS Compliant: Yes
|
Nais(Matsushita Electri... NAIS[Matsushita Electric Works(Nais)] NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp.
|
999-11-210-00 999-11-210-02 999-11-210-06 999-11-2 |
Jumpers Male or female 跳线男性或女 Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:8-4 RoHS Compliant: No 跳线男性或女
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
V180ZA05 V180ZA1 V180ZA10 V180ZA20 V180ZA5 V82ZA12 |
Radial lead metal-oxide varistors, 115V From old datasheet system DB9 FEMALE TO RJ45 10 WIRMODULAR ADAPTER (GRAY) Computers; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DB9 MALE TO RJ45 8 WIRE MODULAR ADAPTER (RED) CRIMP SHELLS, DB9 MALE Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-32 CAP .0033UF 100V METAL POLY Shielded Multiconductor Cable; Number of Conductors:37; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes DIODE ZENER SINGLE 500mW 4.7Vz 20mA-Izt 0.05 5uA-Ir 2 SOD-123 3K/REEL Brilliance Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-21 Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 径向引线金属氧化物压敏电阻的低中压运 Radial lead metal-oxide varistors, 110V Radial lead metal-oxide varistors, 130V Radial lead metal-oxide varistors, 92V Radial lead metal-oxide varistors, 75V Radial lead metal-oxide varistors, 140V
|
http:// HARRIS[Harris Corporation] Harris, Corp. Harris Semiconductor
|
EHF-105-01-L-D-SM EHF-125-01-L-D-SM EHF-110-01-L-D |
CONN HEADER .05 10POS DUAL SMD 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 50POS DUAL SMD 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 20POS DUAL SMD 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 20POS DUAL R/A
|
Samtec, Inc. SAMTEC INC
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
CSMBP20G-20RSK3030 CSMBP20G-26RSK3030 CSMBP20G-34R |
5 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 42 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER Rack and Panel Connectors Subminiature Rectangular
|
VISHAY DALE Vishay Siliconix
|
2-1103010-3 |
Male insert HD.25 Stifteinsatz HD.25
|
Tyco Electronics
|
2-1103204-3 |
MALE INSERT STIFTEINSATZ HN.2D.42
|
Tyco Electronics
|