PART |
Description |
Maker |
0297005.WXNV 0297003.WXNV 0297002.LXN 0297002.WXNV |
MINI? BLADE FUSE RATED 32V
|
Littelfuse
|
0298175.ZXEH-UL 0298125.ZXEH-UL 0298080ZXEH-UL 029 |
UL Recognized Mega庐 Fuse Rated 32V UL Recognized Mega? Fuse Rated 32V
|
Littelfuse http://
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
Z402L Z403L Z404 Z403LR |
FUSE CLIP, FOR 3AG FUSES W/O STOP, PCB MNT., TIN PLATED Fuse Holder; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes TRANSFORMER VARIABLE OPEN 3A Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Copper Alloy; Current Rating:15A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating:32V Fuse Holder; Fuse Size/Group:Mini; Mounting Type:In-Line; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Tin; Current Rating:30A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
保险丝支架,夹子&硬件
|
099707.5 |
MINIBlade Fuse Fuse Rated 58V
|
Littelfuse, Inc.
|
0995020 0995040 0995025 0995030 0995050 0995060 |
JCASE? Cartridge Fuse Rated 58V JCASE㈢ Cartridge Fuse Rated 58V
|
Littelfuse
|
441-R347A-GR |
Blade Fuse Holders
|
List of Unclassifed Manufac...
|
0740266410 0740266410-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows, 2 Blade Power Module, 1 Circuit, Mating Blade Length: 12.00mm Blade 1, 7.50mm Blade 2
|
Molex Electronics Ltd.
|
142.6185.410 |
20A,36V,Blade Fuse
|
Pudenz
|
J-21 J-26 J-42 J-13 J-16 |
Class H (K), J and R ferrule and blade fuse reducers
|
Cooper Bussmann, Inc.
|
0740266240 0740266240-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 9.00mm Blade 1, 12.00mm Blade 2
|
Molex Electronics Ltd.
|