PART |
Description |
Maker |
MRA4005T1 MRA4004 MRA4004T3 MRA4004T3G MRA4003 MRA |
Surface Mount Standard Recovery Power Rectifier 1 A, 600 V, SILICON, SIGNAL DIODE 1A 600V Standard Recovery Rectifier 1A 400V Standard Recovery Rectifier 1A 800V Standard Recovery Rectifier 1A 1000V Standard Recovery Rectifier
|
ONSEMI[ON Semiconductor]
|
SDR1183 SDR1183R SDR1183RS SDR1183RTX SDR1183S SDR |
35 Amp 50-600 Volt 5 nsec STANDARD RECOVERY RECTIFIER 35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
1N5408 1N5401RL 1N5408RL 1N5400 1N5400RL 1N5401 1N |
3A 200V Standard Recovery Rectifier 3A 800V Standard Recovery Rectifier 3A 400V Standard Recovery Rectifier AXIAL-LEAD STANDARD RECOVERY RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
RA254 RA253 RA251 RA252 RA25108 |
25 Amp Standard Rectifier 50 to 1000 Volts
|
Micro Commercial Components
|
SOD4007-TS01 SOD4003-TS01 SOD4001-TS01 SOD4002-TS0 |
1 Amp Standard Recovery Rectifier 50 to 1000 Volts 0.5 A, 50 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
42460-1 280002-2 42192-2 42779-1 5-928247-4 154427 |
Multiple Circuit Housings with Tabs & Receptacles Including FASTIN-FASTON; .250 FF TAB IS 18-14 BR ( AMP ) Magnet Wire Splices Standard Timer (AMP RAST 5 Appliance) Connectors FASTON Uninsulated Receptacles & Housings
|
Tyco Electronics
|
444082-2 |
Miniature/Standard AMP-IN Terminals; MINI AMP IN SHORT V ( AMP )
|
Tyco Electronics
|
3PM8 3PM0 3PM2 3PM4 3PM6 |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(杞村?寮??锛??灏??锛???????00V锛?钩??????娴?.5A,????㈠??存?浜??绠? AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.5A,标准恢复整流二极 Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.5A,标准恢复整流二极
|
SEMTECH[Semtech Corporation]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
1N5554 JANTX1N5622 1N5550 1N5550-1 1N5552 1N5553 J |
RECTIFIERS MILITARY APPROVED/ 5 AMP/ GENERAL PURPOSE MSTBVA 2,5/21-G-5,08 Standard Rectifier (trr more than 500ns) RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
|
MICROSEMI[Microsemi Corporation] http://
|
ISL8510IRZ-T |
Dual Output Controller with 1A Standard Buck PWM and LDO; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R 1 A DUAL SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PQCC24
|
Intersil, Corp. Intersil Corporation
|