PART |
Description |
Maker |
ADLS15HD ADLS15HD-16N ADLS15HD-11N |
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
|
Advanced Digital Logic, Inc.
|
157AVG063MGBJ 397AVG035MGBJ 126AVG160MGBJ 337AVG01 |
Small Size - High Temperature ?Low ESR ?High Ripple Current ?Stable with Temperature ?High Frequency
|
Illinois Capacitor, Inc...
|
DC812A DC812A-15 |
SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
|
Linear Technology
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
C1206C225K3NACTU |
Ceramic, 150C-(CxxxxC), 2.2 uF, 10%, 25 V, 1206, X8L, SMD, MLCC, High Temperature, Temperature Stable
|
Kemet Corporation
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
SMM4FXXA-TR SMM4F28A SMM4F24A SMM4F20A SMM4F15A SM |
High junction temperature Transil?/a> High junction temperature Transil⑩
|
STMicroelectronics
|
T2035H-600TRG T2035H-600G-TR T2035H T2035H-600G T2 |
Snubberless?/a> high temperature 20 A Triacs Snubberless high temperature 20 A Triacs Snubberless⑩ high temperature 20 A Triacs
|
STMicroelectronics
|
CHTA16-400 CHTB16-400 CHTA16-400PT CHTA16-600 CHTA |
High Temperature 150掳C Series TRIAC High Temperature 150°C Series TRIAC
|
List of Unclassifed Manufacturers
|