PART |
Description |
Maker |
HT48R06310 HT48R063 HT48R065 HT48R066 HT48R0662 |
Enhanced I/O Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc Holtek Semiconductor In...
|
M27V201 M27V201-100B1TR M27V201-100B6TR M27V201-10 |
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Fuse Holder; Mounting Type:PC Board; For Use With:PC Board Fuses; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating, AC:250V; Voltage Rating, DC:450V; Accessory Type:Mounting Socket 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TSSOP -40 to 85 16 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM NND - 2 MBIT (256KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
HT82K70E-L HT82K76E-L |
I/O Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT82M75R HT82M75RE HT82K75R HT82K75RE |
I/O Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT45R38 |
C/R to F Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT48R502 |
I/O Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT45R35V |
C/R to F Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT48RA3 |
8-Bit Remote Type OTP MCU
|
Holtek Semiconductor Inc
|
HT45R37 HA0075E |
TinyPowerTM C/R-F Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT46R652 |
A/D with LCD Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|