PART |
Description |
Maker |
HCF4000 HCF4000B HCF4001 HCF4001B HCF4002 HCF4002B |
NOR GATE (289.19 k) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,6A I(D),TO-3 RoHS Compliant: Yes T-PNP-SI-AF PO- .75W T-NPN- SI-PO & SW-PD 40 W 或非 MOSFET-PWR N-CH HI SPEED 或非 MOSFET; Transistor Polarity:P Channel; Continuous Drain Current, Id:10.5A; On-Resistance, Rds(on):0.3ohm; Package/Case:3-TO-220; Continuous Drain Current - 100 Deg C:7.5A; Continuous Drain Current - 25 Deg C:10.5A 或非 MOSFET-PWR 800V 4A 或非 NOR GATE 或非 MOSFET-PWR 500V 8A
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STD1NB80- STD1NB80-1 6190 STD1NB80 |
N-CHANNEL 800V - 16 OHM - 1A - IPAK POWERMESH MOSFET N-CHANNEL 800V - 16 OHM - 1A - DPAK/IPAK POWERMESH MOSFET N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET N - CHANNEL 800V - 16 - 1A - IPAK PowerMESH TM MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQA7N80C |
800V N-Channel MOSFET 7 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET 800V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB6NC80 STB6NC80Z STB6NC80Z-1 STP6NC80ZFP STP6NC8 |
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 1.5ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET 5.4 A, 800 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
意法半导 STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
6N80G-TF1-T 6N80L-TF1-T 6N80L-TA3-T 6N80-11 6N80G- |
6A, 800V N-CHANNEL POWER MOSFET 6A, 800V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
8N80L-TF1-T 8N80G-TF1-T 8N80G-TA3-T 8N80L-TA3-T |
800V N-CHANNEL MOSFET 800V N-CHANNEL MOSFET
|
Unisonic Technologies
|
IRFPE40 IRFPE40PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
|
International Rectifier
|
IRFIBE30G IRFIBE30 |
800V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=800V/ Rds(on)=3.0ohm/ Id=2.1A) Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
|
IRF[International Rectifier] http://
|
FQPF6N80 |
800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STP5NK80 STP5NK80Z STP5NK80ZFP |
N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET N沟道800V 1.9ohm - 4.3A TO-220/TO-220FP齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESHPower MOSFET N-CHANNEL 800V 1.9 OHM 4.3A TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP10NK80Z STP10NK80ZFP STW10NK80Z |
N-CHANNEL 800V - 0.78 OHM - 9A TO-220/TO-220FP/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL Power MOSFET N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|