PART |
Description |
Maker |
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
FDG361N |
N-Channel 100V Specified PowerTrench MOSFET N-Channel 100V Specified PowerTrenchMOSFET CAP CER 68PF 1KVDC U2J 1206
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
IRF5Y540CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.058ohm Id=18A*) POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
|
IRF[International Rectifier]
|
FQI7N10L FQB7N10L FQI7N10LTU FQB7N10LTM |
100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET 7.3 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDP047N10 |
N-Channel PowerTrench MOSFET 100V, 164A, 4.7mOHM 100V N-Channel PowerTrench MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 120 A, 100 V, 0.0047 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FDP120N10 |
74 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench垄莽 MOSFET 100V, 74A, 12m楼? N-Channel PowerTrench? MOSFET 100V, 74A, 12mΩ
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRHNA593160 IRHNA597160 |
TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 52A I(D) | SMT 晶体管| MOSFET的| P通道| 100V的五(巴西)直| 52A条(丁)|贴片 -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 package -100V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 package
|
Renesas Electronics, Corp. International Rectifier
|
FQT7N10L FQT7N10LTF FQT7N10LL99Z |
100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET 1.7 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
FDD3682 FDD3682NL |
N-Channel PowerTrench MOSFET, 100V, 32A, 0.036 ohm 5.5 A, 100 V, 0.036 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel PowerTrench MOSFET 100V/ 32A/ 36m N-Channel PowerTrench MOSFET 100V, 32A, 36mз N-Channel PowerTrench MOSFET 100V, 32A, 36m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
|