PART |
Description |
Maker |
FDMS3606AS |
PowerTrench Power Stage 30 V Asymmetric Dual N-Channel MOSFET
|
Fairchild Semiconductor
|
FDMS3624S |
PowerTrench? Power Stage 25V Asymmetric Dual N-Channel MOSFET
|
Fairchild Semiconductor
|
FDB6670S FDP6670S FDB6670SNL |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ From old datasheet system 30V N-Channel PowerTrench SyncFET 62 A, 30 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
FDP844210 FDP8442F085 FDP8442-F085 |
N-Channel PowerTrench? MOSFET 40V, 80A, 3.1mΩ 23 A, 40 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
2SC5171 E001055 |
From old datasheet system POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS NPN EPITAXIAL TYPE (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2MP04-032-10 2MP04-032-12 2MP04032 2MP04-032-15 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
2MP04-060-10 2MP04-060-12 2MP04-060-15 2MP04060 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
FDML7610S |
30V Asymmetric Dual N-Channel MOSFET PowerTrenchPower Stage Dual N-Channel PowerTrench? MOSFET N-Channel: 30 V, 30 A, 7.5 mΩ N-Channel: 30 V, 28 A, 4.2 mΩ
|
Fairchild Semiconductor
|
QPP-003 |
QuikPAC module data. 60W, 869-894 MHz, Class AB power stage. 60W, 869-894 MHz Class AB Power Stage
|
XEMOD List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
2SC5052 E001019 |
NPN EPITAXIAL TYPE (AUDIO POWER/ DRIVER STAGE AMPLIFIER APPLICATIONS) NPN EPITAXIAL TYPE (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS) AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|