PART |
Description |
Maker |
DR-45-24 DR-45-05 DR-45-12 DR-45-15 |
Low Cost, Industrial 45W, DIN Rail Mount AC/DC Power Supplies
|
MicroPower Direct, LLC
|
DR-75-24 DR-75-48 DR-75-12 |
Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
|
MicroPower Direct, LLC
|
DRP024V120W3AA EOE12010006 |
CliQ Din Rail Power Supply 24V 120W 3 Phase
|
Delta Electronics, Inc.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
7404 |
Low Cost Industrial / Tight Tolerance Clock Oscillators
|
MMD Components
|
AD853108 AD8532ARM-R2 AD8532ARM-REEL AD8532ARMZ-R2 |
Low Cost, 250 mA Output, Single-Supply Amplifiers Dual, Low Cost, 250 mA Output, Single-Supply Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
http:// Analog Devices, Inc.
|
AD1020-05F AD1024-48F AD1024-12F AD1024-24F AD1024 |
Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies AD1024F Series
|
MicroPower Direct, LLC
|
AD73311ARS AD73311ARZ AD73311LARUZ-RL7 |
Low Cost/ Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V and 5 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20 Low Cost, Low Power CMOS General Purpose Analog Front End
|
Analog Devices, Inc.
|
CY7C1367C-166BGC CY7C1366C-200BZI CY7C1366C-200BZC |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PBGA119 Low Cost, Single, 300 MHz Voltage Feedback Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 256K X 36 CACHE SRAM, 3 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA165
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
611-0600-01 611-0700-01 611-0800-01 611-0500-01 61 |
STECKER DIN STANDARD SW 6POL AV Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay STECKER DIN STANDARD SW 5POL 60GRAD STECKER DIN STANDARD SW 4POL STECKER DIN STANDARD SW 8POL STECKER DIN标准西南8POL
|
SCHURTER AG
|
STK4241II STK4241 |
2ch AF Power Amplifier (Split Power Supply) (120W 120W min, THD = 0.4%)
|
SANYO[Sanyo Semicon Device]
|
MAX9202 MAX9202ESD MAX9202EUD MAX9201ESE MAX9203ES |
Low-Cost, 7ns, Low-Power Voltage Comparators COMPARATOR, 7500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 Low-Cost, 7ns, Low-Power Voltage Comparators 低成本7ns、低功耗电压比较器 Low-Cost 7ns Low-Power Voltage Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|