PART |
Description |
Maker |
2N1987 2N1990 2N2237 2N2102A 2N2309 2N2405 2N2479 |
Leaded Small Signal Transistor General Purpose SMALL SIGNAL TRANSISTORS 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 SMALL SIGNAL TRANSISTORS 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 CABLE TIE MINI NAT 4.2,1 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
CENTRAL[Central Semiconductor Corp] Seme LAB Raytheon Company ETC Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
BC546 BC547 BC548 BC546B BC547C |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Planar Epitaxial Transistors 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
2N3799A 2N3962 2N4390 2N3701 2N5057 2N3576 2N4068 |
Small Signal Transistors Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MMST4401 MMST4401-7-F MMST44012 |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANSISTOR NPN 40V SOT323 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTD114GU-7-F DDTD133HU-7-F DDTD113EU DDTD113ZU DD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
DCX124EU DCX124EU-7 DCX114TU-7 DCX114TU DCX114YU-7 |
HDR P R 12P PW N 1X12.100TQ 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Redel 1P/ Female Solder 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 REDEL 1P Series 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 CONNECTOR, HEADER, 3 PIN SINGLE ROW 50 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTC144ELP DDTC144ELP-7 |
PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
|