PART |
Description |
Maker |
IRF9530S IRF9530SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
IRF9130SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
SML100W18 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:1000V,Id(cont):17.3A,Rds(on):0.57Ω)(N沟道增强高电压功率MOS场效应管(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
IRF240SMD |
N.CHANNEL POWER MOSFET N-Channel Power MOSFET(Vdss:200V,Id(cont):13.9A,Rds(on):0.18Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):13.9A,Rds(on):0.18Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续)3.9A,的Rds(on):0.18Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续)3.9A时,RDS(对):0.18Ω))
|
SemeLAB SEME-LAB[Seme LAB] Air Cost Control
|
SML100A9 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω)(N沟道增强高电压功率MOS场效应管(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω))
|
TT electronics Semelab Limited Semelab(Magnatec)
|
SML50W40 |
N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:500V,Id(cont):40A,Rds(on):0.12惟)(N娌??澧?己??楂???????OS?烘?搴??(Vdss:500V,Id(cont):40A,Rds(on):0.12惟)) N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
SEME-LAB[Seme LAB] SemeLAB
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
PSS-01-702 ASTM-D-1622-88 BS2011 DEFSTAN59-103 MIL |
GORE-SHIELD? GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
|
List of Unclassifed Manufacturers
|
SST5460 SST5462 SST5461 2N5462 2N5460 2N5461 |
P-CHANNEL JFETS MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:6.2A; Current, Idm pulse:30A; Power, Pd:1.5W; Resistance, Rds on:0.024R; SMD:1; Charge, gate
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
APT50M60JVR |
Volts:500V RDS(ON)0.06Ohms ID(cont):63Amps|MOSFETs 电压00V电压的RDS(ON.06Ohms身份证(续)63安培| MOSFET
|
Yageo, Corp.
|
CONT-JA16S 031-50213 SJ010889 |
CONT-JA16S
|
Japan Aviation Electronics Industry, Ltd.
|