PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74LVT24008 74LVT240 |
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LCX541 |
Low Voltage Octal Buffer/Line Driver From old datasheet system
|
fairchild
|
74LVT2244MTC08 74LVTH2244MTC08 74LVT2244SJ08 74LVT |
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs and 25
|
Fairchild Semiconductor
|
MTC20 74LVX240M 74LVX240MTC 74LVX240SJ |
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX240WMX 74LCX240 74LCX240MSA 74LCX240MSAX 74LC |
Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX540_06 74LCX540 74LCX540BQX 74LCX540MSA 74LCX |
Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ABT2541 74ABT2541CMSA 74ABT2541CMTC 74ABT2541CSC |
Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs [Advanced] Octal Buffer/Line Driver with 25?/a> Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs 8-Bit Non-Inverting Buffer/Driver
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MC74HC540A-D MC74HC540ADTR2 MC74HC540ADWR2 MC74HC5 |
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS Octal 3-State Inverter Buffer/Line Driver/Line Receiver
|
ON Semiconductor
|
74LVT2240 74LVTH2240 74LVT2240SJX 74LVTH2240SJX 74 |
Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs From old datasheet system Dual 4-Bit Inverting Buffer/Driver
|
Fairchild Semiconductor
|
5962F9854101VXC ACS244MS ACS244D 5962F9854101VRC A |
Buffer/Line Driver, Non-Inverting, Octal, Tri-State Rad-Hard, Advanced Logic, CMOS Radiation Hardened Non-Inverting/ Octal/ Three-State Buffer/Line Driver Radiation Hardened
Non Inverting, Octal, Three-State Buffer/Line Driver(抗辐射同相、八路三态缓冲器/线驱动器) Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, UUC22 CONTACT RACK & PANEL SOLDERTAIL AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20 Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20
|
Intersil Corporation Intersil, Corp.
|