PART |
Description |
Maker |
533-111-63 533-111-75 533-114-63 533-114-75 533-10 |
T-4 SINGLE COLOR LED, RED, 10 mm PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS 篓陋12.7mm Mounting
|
MARL INTERNATIONAL LTD Marl International Limited
|
512-540-21 512-521-04 512-521-20 512-521-22 512-52 |
PROFESSIONAL LED INDICATORS 篓陋12.7mm Mounting PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS ?12.7mm Mounting
|
Marl International Limited
|
508-521-21-29 508-502-21-29 508-532-22-51 508-997- |
PROFESSIONAL LED INDICATORS 篓陋8.1mm Mounting PROFESSIONAL LED INDICATORS ?8.1mm Mounting PROFESSIONAL LED INDICATORS ?8.1mm Mounting
|
Marl International Limited
|
677-521-21 677-521-23 677-501-23 677-930-23 677-50 |
PROFESSIONAL LED INDICATORS ?8.1mm Mounting
|
http:// Marl International Limited
|
531-501-63 531-501-75 531-521-63 531-521-75 531-99 |
PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS ?12.7mm Mounting
|
Marl International Limited
|
676-521-23 676-521-21 676-501-21 676-501-23 676-99 |
PROFESSIONAL LED INDICATORS ? 8.1mm Mounting
|
Marl International Limited
|
610-325-21 610-301-21 610-301-23 610-325-23 610-93 |
PROFESSIONAL LED INDICATORS ?6.35mm Mounting PROFESSIONAL LED INDICATORS ?6.35mm Mounting
|
Marl International Limited
|
665-521-04-50 665-532-04-50 665-930-04-50 665-997- |
PROFESSIONAL LED INDICATORS ?8.5mm Mounting PROFESSIONAL LED INDICATORS ?8.5mm Mounting
|
Marl International Limited
|
MV60539.MP5 MV60539.MP6 MV60539.MP7 MV60539.MP8 MV |
Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-10; No. Strands x Strand Size:26 x 30, 105 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RECTIFIER SCHOTTKY DUAL 15A 30V 150A-ifsm 0.84V-vf 0.1mA-ir TO-220AB 50/TUBE N-Channel MOSFETs (20V
250V); Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): 100.0 V; RDS (on) (max) (@10V): 33.0 mOhm; RDS (on) (max) (@4.5V): -; ID (max): 27.0 A; TRANS PREBIASED PNP 200MW SOT23 Circular Connector; No. of Contacts:55; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-35 Circular Connector; No. of Contacts:26; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 PC PARALLEL ADAPTER, DB25F N-Channel MOSFETs (20V
250V); Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): 100.0 V; RDS (on) (max) (@10V): 33.0 mOhm; RDS (on) (max) (@4.5V): -; ID (max): 27.0 A; SLIMLINE DIN 8 M TO DB9 MALE PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, YELLOW, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 DUAL COLOR LED ARRAY, RED/GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, GREEN, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm PTSE 5C 5#16 PIN PLUG T-1 SINGLE COLOR LED, RED, 3 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, GREEN, 5 mm TV 26C 26#20 PIN WALL RECP T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 DUAL COLOR LED ARRAY, BRIGHT RED/GREEN, 3 mm CAP POLYPROPYLENE .0082UF 50V 2% T-1 3/4 SINGLE COLOR LED, RED, 5 mm RECTIFIER SCHOTTKY DUAL 10A 80V 120A-ifsm 0.85V-vf 0.1mA-ir TO-220AB 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm RECTIFIER SCHOTTKY SINGLE 16A 30V 150A-ifsm 0.63V-vf 0.2mA-ir TO220AC 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, YELLOW, 3 mm Filter Unit Analog P/H/G 400 cfm 115VAC RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, HIGH EFFICIENCY RED, 5 mm Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-12; No. Strands x Strand Size:26 x 30, 65 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes PCB MOUNT LED INDICATORS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. QT Optoelectronics
|
124-330-04 124-305-0413 124-305-04-13 |
pcb led indicators
|
Marl International Limited Marl International Limi...
|
DX0998 DX0999 |
5mm LED Indicators
|
Elektron Components Ltd.
|
586-1102-101 586-120X-XXX 586-130X-XXX 586-270X-XX |
Dialight LED Indicators
|
ETC
|